Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRL1004S Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. IRL1004S
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

IRL1004S Datasheet(HTML) 5 Page - National Semiconductor (TI)

  IRL1004S Datasheet HTML 1Page - National Semiconductor (TI) IRL1004S Datasheet HTML 2Page - National Semiconductor (TI) IRL1004S Datasheet HTML 3Page - National Semiconductor (TI) IRL1004S Datasheet HTML 4Page - National Semiconductor (TI) IRL1004S Datasheet HTML 5Page - National Semiconductor (TI) IRL1004S Datasheet HTML 6Page - National Semiconductor (TI) IRL1004S Datasheet HTML 7Page - National Semiconductor (TI) IRL1004S Datasheet HTML 8Page - National Semiconductor (TI) IRL1004S Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRL1004S/1004L
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
T , Case Temperature ( C)
°
C
LIMITED BY PACKAGE
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRLZ4S HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRF3704ZCSPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL1004SPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF730ASPBF HEXFET Power MOSFET SMPS MOSFET 1  2  3  4  5  More International Rectifier
IRF7832ZPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL2505SPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL3502SPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFP150VPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
NTTD4401F FETKY Power MOSFET and Schottky Diode 1  2  3  4  5  More ON Semiconductor
NTGS4111P Power MOSFET -30 V -4.7 A Single P-Channel TSOP-6 1  2  3  4  5  ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn