Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL204 Datasheet(PDF) 12 Page - Analog Devices

Part # ADXL204
Description  Precisionc -1.7 g Single-/Dual-Axis i MEMS Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL204 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADXL204 Datasheet HTML 4Page - Analog Devices ADXL204 Datasheet HTML 5Page - Analog Devices ADXL204 Datasheet HTML 6Page - Analog Devices ADXL204 Datasheet HTML 7Page - Analog Devices ADXL204 Datasheet HTML 8Page - Analog Devices ADXL204 Datasheet HTML 9Page - Analog Devices ADXL204 Datasheet HTML 10Page - Analog Devices ADXL204 Datasheet HTML 11Page - Analog Devices ADXL204 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADXL204
Rev. A | Page 12 of 12
OUTLINE DIMENSIONS
BOTTOM VIEW
1
3
5
7
0.64
1.90
2.50
2.50
0.38 DIAMETER
0.50 DIAMETER
1.27
1.27
1.27
4.50
SQ
5.00
SQ
TOP VIEW
R 0.38
0.20
1.78
R 0.20
Figure 23. 8-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Number of Axes
Specified
Voltage (V)
Temperature Range
Package Description
Package
Option
ADXL204CE
2
3.3
–40°C to +125°C
8-Terminal Ceramic Leadless Chip Carrier (LCC)
E-8
ADXL204CE-REEL
2
3.3
–40°C to +125°C
8-Terminal Ceramic Leadless Chip Carrier (LCC)
E-8
ADXL204EB
Evaluation Board
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05512-0-
3/06(A)
T
TTT


Similar Part No. - ADXL204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL202AE AD-ADXL202AE Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202AQC AD-ADXL202AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202E AD-ADXL202E Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
More results

Similar Description - ADXL204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL330 AD-ADXL330 Datasheet
311Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
   Dual-Axis, High-g, MEMS Accelerometers
REV. A
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com