Electronic Components Datasheet Search |
|
NCV8512 Datasheet(PDF) 3 Page - ON Semiconductor |
|
NCV8512 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 10 page NCV8512 http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (IOUT = 1.0 mA, −40°C ≤ TJ ≤ 125°C; 6.0 V < VIN < 26 V; unless otherwise specified.) Characteristic Test Conditions Min Typ Max Unit OUTPUT STAGE Output Voltage 9.0 V < VIN < 16 V, 100 mA ≤ IOUT ≤ 150 mA 6.0 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA 4.90 4.85 5.0 5.0 5.10 5.15 V V Dropout Voltage (VIN − VOUT) IOUT = 150 mA IOUT = 1.0 mA − − 400 100 600 150 mV mV Load Regulation VIN = 14 V, 5.0 mA ≤ IOUT ≤ 150 mA -30 5.0 30 mV Line Regulation [VOUT(typ) + 1.0] < VIN < 26 V, IOUT = 1.0 mA − 15 60 mV Quiescent Current, (IQ) Active Mode IOUT = 100 mA, VIN = 12 V, Delay = 3.0 V, MON = 3.0 V IOUT = 75 mA, VIN = 14 V, Delay = 3.0 V, MON = 3.0 V IOUT ≤ 150 mA, VIN = 14 V, Delay = 3.0 V, MON = 3.0 V − − − 130 4.0 12 200 6.0 19 mA mA mA Current Limit − 151 300 − mA Short Circuit Output Current VOUT = 0 V 40 190 − mA Thermal Shutdown (Guaranteed by Design) 150 180 − °C RESET FUNCTION (RESET) RESET Threshold HIGH (VRH) LOW (VRL) VOUT Increasing VOUT Decreasing 4.55 4.50 4.70 4.60 0.98 × VOUT 0.97 × VOUT V V Output Voltage Low (VRLO) 1.0 V ≤ VOUT ≤ VRL, RRESET = 10 k − 0.1 0.4 V Delay Switching Threshold (VDT) − 1.4 1.8 2.2 V Lower Delay Switching Threshold (VLD) − 0.3 0.45 0.6 V Reset Delay Low Voltage VOUT < RESET Threshold Low(min) − − 0.1 V Delay Charge Current DELAY = 1.0 V, VOUT > VRH 6.0 9.0 15 mA Delay Discharge Current DELAY = 1.0 V, VOUT = 1.5 V 5.0 − − mA Reset Adjust Switching Voltage (VR(ADJ)) − 1.23 1.31 1.39 V FLAG/MONITOR Monitor Threshold Increasing and Decreasing 1.10 1.20 1.31 V Hysteresis − 20 50 100 mV Input Current MON = 2.0 V −0.5 0.1 0.5 mA Output Saturation Voltage MON = 0 V, IFLAG = 1.0 mA − 0.1 0.4 V |
Similar Part No. - NCV8512 |
|
Similar Description - NCV8512 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |