Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCV8512 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCV8512
Description  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8512 Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8512 Datasheet HTML 1Page - ON Semiconductor NCV8512 Datasheet HTML 2Page - ON Semiconductor NCV8512 Datasheet HTML 3Page - ON Semiconductor NCV8512 Datasheet HTML 4Page - ON Semiconductor NCV8512 Datasheet HTML 5Page - ON Semiconductor NCV8512 Datasheet HTML 6Page - ON Semiconductor NCV8512 Datasheet HTML 7Page - ON Semiconductor NCV8512 Datasheet HTML 8Page - ON Semiconductor NCV8512 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCV8512
http://onsemi.com
2
VOUT
GND
VIN
RADJ
NCV8512
10
mF
10 k
RRST
RESET
10
mF
Delay
CDELAY
VBAT
VDD
FLAG
Figure 1. Application Diagram
MON
RFLG
10 k
I/O
I/O
RADJ1
RADJ2
RM1
RM2
MAXIMUM RATINGS
Rating
Value
Unit
VIN (DC)
−15 to 45
V
Peak Transient Voltage (46 V Load Dump @ VIN = 14 V). Voltage with respect to ground.
60
V
Operating Voltage
45
V
VOUT (DC)
16
V
Voltage Range (RESET, FLAG)
−0.3 to 10
V
Input Voltage Range (MON)
−0.3 to 10
V
VDELAY
−0.3 to 4.0
V
VRADJ
−0.3 to 10
V
ESD Susceptibility (Human Body Model)
2.0
kV
Junction Temperature, TJ
−40 to +150
°C
Storage Temperature, TS
−55 to 150
°C
Package Thermal Resistance, SOW−16 E Pad:
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
16
57
°C/W
Lead Temperature Soldering:
Reflow: (SMD styles only) (Notes 1, 2. and 3)
265 peak
°C
Moisture Sensitivity Level at 260
°C
1
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
†During the voltage range which exceeds the maximum tested voltage of VIN, operation is assured, but not specified. Wider limits may apply.
Thermal dissipation must be observed closely.
1. 60 second maximum above 217
°C.
2. −5
°C/+0°C allowable conditions.
3. Per IPC/JEDEC J−STD−020C.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn