Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF1053S-2 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MF1053S-2
Description  FOR DIGITAL MOBILE TELEPHONE, Rx
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF1053S-2 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MF1053S-2 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MF1053S-2
– 61 –
MF1053S-2
FOR DIGITAL MOBILE TELEPHONE, Rx
– 60 –
DESCRIPTION
This SAW filter for the receiving RF circuit of
digital mobile communication equipment
operating at 810 MHz ~ 830 MHz.
FEATURES
1. SMD package insures small size, lightweight.
2. Adjustment free.
3. High stop band attenuation and low insertion
loss.
4. Wide and sharp passband characteristics.
5. High stability and reliability.
6. Designed for reflow solderings.
APPLICATION
• Digital mobile cellular telephone
• Portable digital cellular telephone
• Wireless equipment
DIMENSIONS ARE IN MILLIMETERS
±0.2 UNLESS OTHERWISE SPECIFIED
MAXIMUM RATINGS
ELECTRICAL PERFORMANCE
PACKAGE OUTLINE DIMENSIONS
Insertion Loss vs. Frequency
CH1 S21 log MAG
1 dB / REF 0 dB
Input VSWR vs. Frequency
Parameter
Units
MF1053S-2
PASSBAND FREQUENCY
810 – 830
PASSBAND CHARACTERISTICS
Insertion Loss
Ripple
VSWR
STOPBAND ATTENUATION
0 – 600 MHz
600 – 730 MHz
940 – 960 MHz
1000 – 1090 MHz
1200 – 2500 MHz
Min
Typ
Max
2.1
dB
dBp-p
3.0
0.8
1.5
1.9
2.5
33
30
27
22
28
25
34
30
27
23
MHz
dB
dB
dB
dB
dB
1.8
GND
GND
GND
1.25
GND
Unit : mm
BOTTOM VIEW
TOP VIEW
SIDE VIEW
OUT
IN
IN
OUT
3.6
3.8
MF1053S-2 TYPICAL CHARACTERISTICS
Input Reflection Coefficient vs. Frequency
Operating Temperature Range
–20 to 75
Storage Temperature Range
–30 to 85
Input Power
50
Rating
Value
°C
°C
mW
Unit
[dB] 0
–1
–2
–3
–4
–5
CH1 S11 SWR
500 m / REF 1
3.0
2.0
1.0
Attenuation vs. Frequency
CH2 S21 log MAG
5 dB / REF 0 dB
Output VSWR vs. Frequency
[dB] 0
–10
–20
–30
Attenuation vs. Frequency
CH1 S21 log MAG
5 dB / REF 0 dB
START
.300 000 MHz
STOP
3 000.000 000 MHz
[dB] 0
–10
–20
–30
–40
CH1 S11 1 U FS
CH1 CENTER
820.000 000 MHz
SPAN
100.000 000 MHz
CH1 CENTER
820.000 000 MHz
SPAN
600.000 000 MHz
CH1 CENTER
820.000 000 MHz
SPAN
100.000 000 MHz
CENTER
820 MHz
SPAN
100.000 000 MHz
CH1 S22 SWR
500 m / REF 1
3.0
2.0
1.0
CENTER
820.000 000 MHz
SPAN
100.000 000 MHz
Output Reflection Coefficient vs. Frequency
CH1 S22 1 U FS
CH1 CENTER
820.000 000 MHz
SPAN
100.000 000 MHz
MARKER 1 : 820 MHz
MARKER 2 : 810 MHz
MARKER 3 : 830 MHz
MARKER 1 : 820 MHz
MARKER 2 : 810 MHz
MARKER 3 : 830 MHz


Similar Part No. - MF1053S-2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1053S-1 MITSUBISHI-MF1053S-1 Datasheet
135Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Rx
More results

Similar Description - MF1053S-2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1053S-1 MITSUBISHI-MF1053S-1 Datasheet
135Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Rx
MF1017S-2 MITSUBISHI-MF1017S-2 Datasheet
142Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Rx
MF1017S-1 MITSUBISHI-MF1017S-1 Datasheet
147Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Rx
MF1117V-2 MITSUBISHI-MF1117V-2 Datasheet
36Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Rx
MF1018S-4 MITSUBISHI-MF1018S-4 Datasheet
137Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Rx
MF1050V-4 MITSUBISHI-MF1050V-4 Datasheet
63Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Rx
MF1050V-2 MITSUBISHI-MF1050V-2 Datasheet
63Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Rx
MF1018V-4 MITSUBISHI-MF1018V-4 Datasheet
74Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Rx
MF1050S-1 MITSUBISHI-MF1050S-1 Datasheet
151Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Rx
MF1050S-2 MITSUBISHI-MF1050S-2 Datasheet
134Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Rx
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com