Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCS2502 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCS2502
Description  650 uA 110 MHz Current Feedback Op Amp with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCS2502 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCS2502
http://onsemi.com
6
AC ELECTRICAL CHARACTERISTICS (VCC = +2.5 V, VEE = −2.5 V, TA = −40°C to +85°C, RL = 100 W to GND, RF = 1.2 kW,
AV = +2.0, Enable is left open, unless otherwise specified).
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
FREQUENCY DOMAIN PERFORMANCE
BW
Bandwidth
3.0 dB Small Signal
3.0 dB Large Signal
AV = +2.0, VO = 0.5 Vp−p
AV = +2.0, VO = 2.0 Vp−p
110
70
MHz
GF0.1dB
0.1 dB Gain Flatness
Bandwidth
AV = +2.0
10
MHz
dG
Differential Gain
AV = +2.0, RL = 150 W, f = 3.58 MHz
0.08
%
dP
Differential Phase
AV = +2.0, RL = 150 W, f = 3.58 MHz
0.2
°
TIME DOMAIN RESPONSE
SR
Slew Rate
AV = +2.0, Vstep = 1.0 V
180
V/
ms
ts
Settling Time
0.01%
0.1%
AV = +2.0, Vstep = 1.0 V
AV = +2.0, Vstep = 1.0 V
155
25
ns
tr tf
Rise and Fall Time
(10%−90%) AV = +2.0, Vstep = 1.0 V
8.0
ns
tON
Turn−on Time
900
ns
tOFF
Turn−off Time
400
ns
HARMONIC/NOISE PERFORMANCE
THD
Total Harmonic Distortion
f = 5.0 MHz, VO = 1.0 Vp−p, RL = 150 W
−49
dB
HD2
2nd Harmonic Distortion
f = 5.0 MHz, VO = 1.0 Vp−p
−57
dBc
HD3
3rd Harmonic Distortion
f = 5.0 MHz, VO = 1.0 Vp−p
−53
dBc
IP3
Third−Order Intercept
f = 10 MHz, VO = 1.0 Vp−p
35
dBm
SFDR
Spurious−Free Dynamic
Range
f = 5.0 MHz, VO = 1.0 Vp−p
55
dBc
eN
Input Referred Voltage Noise
f = 1.0 MHz
5
nV
Hz
iN
Input Referred Current Noise
f = 1.0 MHz, Inverting
f = 1.0 MHz, Non−Inverting
25
25
pA
Hz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn