Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCS2502 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCS2502
Description  650 uA 110 MHz Current Feedback Op Amp with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCS2502 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCS2502
http://onsemi.com
5
DC ELECTRICAL CHARACTERISTICS (VCC = +5.0 V, VEE = −5.0 V, TA = −40°C to +85°C, RL = 100 W to GND, RF = 1.2 kW,
AV = +2.0, Enable is left open, unless otherwise specified).
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
DC PERFORMANCE
VIO
Input Offset Voltage
−8.0
0
+8.0
mV
DVIO/DT
Input Offset Voltage
Temperature Coefficient
6.0
mV/°C
IIB
Input Bias Current
+Input (Non−Inverting), VO = 0 V
−Input (Inverting), VO = 0 V (Note 4)
−20
−20
"3.0
"0.4
+20
+20
mA
DIIB/DT
Input Bias Current
Temperature Coefficient
+Input (Non−Inverting), VO = 0 V
−Input (Inverting), VO = 0 V
+40
−10
nA/
°C
VIH
Input High Voltage (Enable)
(Note 4)
VCC−1.5 V
V
VIL
Input Low Voltage (Enable)
(Note 4)
VCC−3.5 V
V
INPUT CHARACTERISTICS
VCM
Input Common Mode Voltage
Range (Note 4)
"3.0
"4.0
V
CMRR
Common Mode Rejection
Ratio
(See Graph)
50
55
dB
RIN
Input Resistance
+Input (Non−Inverting)
−Input (Inverting)
4
350
M
W
W
CIN
Differential Input
Capacitance
1.0
pF
OUTPUT CHARACTERISTICS
ROUT
Output Resistance
0.03
W
VO
Output Voltage Swing
"3.0
"3.5
V
IO
Output Current
"40
"80
mA
POWER SUPPLY
VS
Operating Voltage Supply
10
V
IS,ON
Power Supply Current −
Enabled
VO = 0 V
0.4
0.65
1.2
mA
IS,OFF
Power Supply Current −
Disabled
VO = 0 V
0
0.04
0.3
mA
PSRR
Power Supply Rejection
Ratio
(See Graph)
50
60
dB
4. Guaranteed by design and characterization.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn