Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCS2501 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NCS2501
Description  1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCS2501 Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2005
May, 2005 − Rev. 1
1
Publication Order Number:
NCS2501/D
NCS2501
1.1 mA 200 MHz Current
Feedback Op Amp with
Enable Feature
NCS2501 is a 1.1 mA 200 MHz current feedback monolithic
operational amplifier featuring high slew rate and low differential gain
and phase error. The current feedback architecture allows for a
superior bandwidth and low power consumption. This device features
an enable pin.
Features
−3.0 dB Small Signal BW (A
V = +2.0, VO = 0.5 Vp−p) 200 MHz Typ
Slew Rate 450 V/ms
Supply Current 1.1 mA
Input Referred Voltage Noise 4.0 nV/ Hz
THD −55 dB (f = 5.0 MHz, V
O = 2.0 Vp−p)
Output Current 100 mA
Enable Pin Available
Pin Compatible with EL5160, MAX4180, OPA683
Pb−Free Packages are Available
Applications
Portable Video
Line Drivers
Radar/Communication Receivers
Set Top Box
NTSC/PAL/HDTV
Figure 1. Frequency Response:
Gain (dB) vs. Frequency Av = +2.0, RL = 100 W
2
1
−1
−2
−3
−4
−6
0.01
1
100
1000
FREQUENCY (MHz)
0
−5
3
VS = ±5V
VOUT = 0.7V
Gain = +2
RF = 1.2kW
RL = 100W
VS = ±5V
VOUT = 0.5V
VS = ±2.5V
VOUT = 2.0V
VS = ±5V
VOUT = 2.0V
VS = ±2.5V
VOUT = 0.7V
VS = ±2.5V
VOUT = 0.5V
0.1
10
MARKING
DIAGRAMS
SO−8
D SUFFIX
CASE 751
YA1, N2501 = NCS2501
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb−Free Package
1
8
N2501
ALYW
G
1
8
SC−70−6
(SC−88)
SQ SUFFIX
CASE 419B
5
4
1 2
3
1
6
SOT23−6
(TSOP−6)
SN SUFFIX
CASE 318G
http://onsemi.com
8
7
6
5
1
2
3
4
NC
−IN
+IN
VEE
EN
VCC
OUT
NC
(Top View)
SO−8 PINOUT
+
1
3
−IN
OUT
2
VEE
+IN
4
VCC
6
(Top View)
SOT23−6/SC70−6 PINOUT
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
6
YA1M
1
6
YA1YW
1
6
EN
5
G
G
http://onsemi.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn