Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP9004FCT1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP9004FCT1G
Description  2.65 W Filterless Class?묭 Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP9004FCT1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP9004FCT1G Datasheet HTML 3Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 4Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 5Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 6Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 7Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 8Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 9Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 10Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NCP9004
http://onsemi.com
7
TYPICAL CHARACTERISTICS
0.01
0.1
1.0
10
0
0.1
0.2
0.3
0.4
0.5
0.6
Pout (W)
Vp = 3 V
RL = 8 W
f = 1 kHz
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
Pout (W)
Vp = 4.2 V
RL = 8 W
f = 1 kHz
0
10
20
30
40
50
60
70
80
90
0
0.4
0.8
1.2
Pout (W)
Vp = 3.6 V
RL = 4 W
NCP9004
Class AB
0.2
0.6
1.0
100
0
0.2
0.4
Pout (W)
0.6
0.8
90
80
70
60
50
40
30
20
1.0
Vp = 3.6 V
RL = 4 W
NCP9004
Class AB
Figure 9. Efficiency vs. Pout
Vp = 3.6 V, RL = 4 W, f = 1 kHz
Figure 10. Die Temperature vs. Pout
Vp = 3.6 V, RL = 4 W, f = 1 kHz @ TA = +25°C
Figure 11. THD+N vs. Pout
Vp = 5 V, RL = 8 W, f = 1 kHz
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Figure 12. THD+N vs. Pout
Vp = 4.2 V, RL = 8 W, f = 1 kHz
Figure 13. THD+N vs. Pout
Vp = 3.6 V, RL = 8 W, f = 1 kHz
Figure 14. THD+N vs. Pout
Vp = 3 V, RL = 8 W, f = 1 kHz
Pout (W)
Vp = 5.0 V
RL = 8 W
f = 1 kHz
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
Pout (W)
Vp = 3.6 V
RL = 8 W
f = 1 kHz


Similar Part No. - NCP9004FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP9001 ONSEMI-NCP9001 Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP9001SNT1G ONSEMI-NCP9001SNT1G Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP9002FCT2G ONSEMI-NCP9002FCT2G Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
More results

Similar Description - NCP9004FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2821 ONSEMI-NCP2821 Datasheet
247Kb / 19P
   2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
February, 2006 ??Rev. 0
NLMD5820 ONSEMI-NLMD5820 Datasheet
218Kb / 21P
   2.65 W Filterless Class-D Audio Amplifier with Integrated Dual SPST Switch
September, 2007 - Rev. 0
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com