Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV5501DT15RKG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV5501DT15RKG
Description  500 mA Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV5501DT15RKG Datasheet(HTML) 3 Page - ON Semiconductor

  NCV5501DT15RKG Datasheet HTML 1Page - ON Semiconductor NCV5501DT15RKG Datasheet HTML 2Page - ON Semiconductor NCV5501DT15RKG Datasheet HTML 3Page - ON Semiconductor NCV5501DT15RKG Datasheet HTML 4Page - ON Semiconductor NCV5501DT15RKG Datasheet HTML 5Page - ON Semiconductor NCV5501DT15RKG Datasheet HTML 6Page - ON Semiconductor NCV5501DT15RKG Datasheet HTML 7Page - ON Semiconductor NCV5501DT15RKG Datasheet HTML 8Page - ON Semiconductor NCV5501DT15RKG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NCP5500, NCV5500, NCP5501, NCV5501
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
TA = −40°C to +85°C (NCP5500, NCP5501), TA = −40°C to +125°C (NCV5500, NCV5501), unless otherwise noted.
Pin Symbol, Parameter
Symbol
Min
Max
Units
IN, VIN, DC Input Voltage
VIN
−7.0
+18
V
OUT, EN, VOUT, VEN, DC Voltage
V
−0.3
+16
VIN + 0.3
(Note 4)
V
Junction Temperature
TJ
+150
°C
Package Dissipation
DPAK 5
Power Dissipation at TA = 25°C
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
DPAK
Power Dissipation at TA = 25°C
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
PD
RqJA
RqJC
PD
RqJA
RqJC
Internally Limited
75
8.0
Internally Limited
101
6.6
°C/W
Storage Temperature
TStg
−55
+150
°C
Moisture Sensitivity Level
MSL
1
ESD Capability, Human Body Model (Note 1)
ESDHBM
4000
V
ESD Capability, Machine Model (Note 1)
ESDMM
200
V
ESD Capability, Charged Device Model (Note 1)
ESDCDM
1000
V
Lead Temperature Soldering
Reflow (SMD Styles Only), Pb−Free Versions (Note 3)
Tsld
265 Peak
°C
OPERATING RANGES
IN, VIN, Operating DC Input Voltage
VIN
VOUT + VDO, 2.5 V
(Note 5)
16
V
OUT, VOUT Adjust Range (adjustable version only)
VOUT
1.25
5.0
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
ESD Charged Device Model tested per EIA/JES D22/C101, Field Induced Charge Model
2. Latch−up Current Maximum Rating: ≤ 100 mA per JEDEC standard: JESD78.
3. Pb−Free, 60 sec –150 sec above 217°C, 40 sec max at peak temperature
4. Maximum = +16 V or (VIN +0.3 V), whichever is lower.
5. Minimum VIN = 2.5 V or (VOUT + VDO), whichever is higher.


Similar Part No. - NCV5501DT15RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5501DT15RKG ONSEMI-NCV5501DT15RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
More results

Similar Description - NCV5501DT15RKG

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
STMicroelectronics
LDLN050 STMICROELECTRONICS-LDLN050 Datasheet
670Kb / 22P
   500 mA, high performance low dropout linear regulator
Rev 4 - September 2021
logo
ON Semiconductor
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
NCP4687DH18T1G ONSEMI-NCP4687DH18T1G Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
February, 2012 ??Rev. 2
logo
Texas Instruments
TLV766-Q1 TI-TLV766-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TLV766-Q1 500-mA, 16-V Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com