Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP9004 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP9004
Description  2.65 W Filterless Class?묭 Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP9004 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP9004 Datasheet HTML 1Page - ON Semiconductor NCP9004 Datasheet HTML 2Page - ON Semiconductor NCP9004 Datasheet HTML 3Page - ON Semiconductor NCP9004 Datasheet HTML 4Page - ON Semiconductor NCP9004 Datasheet HTML 5Page - ON Semiconductor NCP9004 Datasheet HTML 6Page - ON Semiconductor NCP9004 Datasheet HTML 7Page - ON Semiconductor NCP9004 Datasheet HTML 8Page - ON Semiconductor NCP9004 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCP9004
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Limits apply for TA = +25°C unless otherwise noted)
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
Vp
Operating Supply Voltage
TA = −40°C to +85°C
2.5
5.5
V
Idd
Supply Quiescent Current
Vp = 3.6 V, RL = 8.0 W
Vp = 5.5 V, No Load
Vp from 2.5 V to 5.5 V, No Load
TA = −40°C to +85°C
2.15
2.61
4.6
mA
Isd
Shutdown Current
Vp = 4.2 V
TA = +25°C
TA = +85°C
0.42
0.45
0.8
mA
Vp = 5.5 V
TA = +25°C
TA = +85°C
0.8
0.9
1.5
mA
Vsdih
Shutdown Voltage High
-
1.2
V
Vsdil
Shutdown Voltage Low
-
0.4
V
Fsw
Switching Frequency
Vp from 2.5 V to 5.5 V
TA = −40°C to +85°C
190
250
310
kHz
G
Gain
RL = 8.0 W
285 kW
Ri
300 kW
Ri
315 kW
Ri
V
V
Rs
Resistance from SD to GND
300
kW
Vos
Output Offset Voltage
Vp = 5.5 V
6.0
mV
Ton
Turn On Time
Vp from 2.5 V to 5.5 V
9.0
ms
Toff
Turn Off Time
Vp from 2.5 V to 5.5 V
5.0
ms
Tsd
Thermal Shutdown Temperature
160
°C
Vn
Ouput Noise Voltage
Vp = 3.6 V, f = 20 Hz to 20 kHz
no weighting filter
with A weighting filter
65
42
mVrms
no weighting filter
with A weighting filter
70
48
mVrms
Po
RMS Output Power
RL = 8.0 W, f = 1.0 kHz, THD+N < 1%
Vp = 2.5 V
Vp = 3.0 V
Vp = 3.6 V
Vp = 4.2 V
Vp = 5.0 V
0.32
0.48
0.7
0.97
1.38
W
RL = 8.0 W, f = 1.0 kHz, THD+N < 10%
Vp = 2.5 V
Vp = 3.0 V
Vp = 3.6 V
Vp = 4.2 V
Vp = 5.0 V
0.4
0.59
0.87
1.19
1.7
W
RL = 4.0 W, f = 1.0 kHz, THD+N < 1%
Vp = 2.5 V
Vp = 3.0 V
Vp = 3.6 V
Vp = 4.2 V
Vp = 5.0 V
0.49
0.72
1.06
1.62
2.12
W
RL = 4.0 W, f = 1.0 kHz, THD+N < 10%
Vp = 2.5 V
Vp = 3.0 V
Vp = 3.6 V
Vp = 4.2 V
Vp = 5.0 V
0.6
0.9
1.33
2.0
2.63
W


Similar Part No. - NCP9004

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP9001 ONSEMI-NCP9001 Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP9001SNT1G ONSEMI-NCP9001SNT1G Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP9002FCT2G ONSEMI-NCP9002FCT2G Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
More results

Similar Description - NCP9004

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2821 ONSEMI-NCP2821 Datasheet
247Kb / 19P
   2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
February, 2006 ??Rev. 0
NLMD5820 ONSEMI-NLMD5820 Datasheet
218Kb / 21P
   2.65 W Filterless Class-D Audio Amplifier with Integrated Dual SPST Switch
September, 2007 - Rev. 0
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com