Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP9004 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP9004
Description  2.65 W Filterless Class−D Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP9004 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP9004 Datasheet HTML 1Page - ON Semiconductor NCP9004 Datasheet HTML 2Page - ON Semiconductor NCP9004 Datasheet HTML 3Page - ON Semiconductor NCP9004 Datasheet HTML 4Page - ON Semiconductor NCP9004 Datasheet HTML 5Page - ON Semiconductor NCP9004 Datasheet HTML 6Page - ON Semiconductor NCP9004 Datasheet HTML 7Page - ON Semiconductor NCP9004 Datasheet HTML 8Page - ON Semiconductor NCP9004 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NCP9004
http://onsemi.com
2
TYPICAL APPLICATION
BYPASS
Data
Processor
GND
OUTM
Figure 1. Typical Application
OUTP
Rf
Ri
Positive
Differential
Input
INM
BYPASS
INTERNAL
BIASING
Vp
BYPASS
Rf
Ri
Negative
Differential
Input
INP
Shutdown
Control
SD
Vp
Cs
RAMP
GENERATOR
BATTERY
300 kW
Vih
Vil
PIN DESCRIPTION
Pin No.
Symbol
Type
Description
A1
INP
I
Positive Differential Input.
A2
GND
I
Analog Ground.
A3
OUTM
O
Negative BTL Output.
B1
Vp
I
Power Analog Positive Supply. Range: 2.5 V – 5.5 V.
B2
Vp
I
Power Analog Positive Supply. Range: 2.5 V – 5.5 V.
B3
GND
I
Analog Ground.
C1
INM
I
Negative Differential Input.
C2
SD
I
The device enters in Shutdown Mode when a low level is applied on this pin. An internal 300 kW
resistor will force the device in shutdown mode if no signal is applied to this pin. It also helps to
save space and cost.
C3
OUTP
O
Positive BTL Output.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn