Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP9004 Datasheet(PDF) 15 Page - ON Semiconductor

Part No. NCP9004
Description  2.65 W Filterless Class−D Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP9004 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCP9004 Datasheet HTML 9Page - ON Semiconductor NCP9004 Datasheet HTML 10Page - ON Semiconductor NCP9004 Datasheet HTML 11Page - ON Semiconductor NCP9004 Datasheet HTML 12Page - ON Semiconductor NCP9004 Datasheet HTML 13Page - ON Semiconductor NCP9004 Datasheet HTML 14Page - ON Semiconductor NCP9004 Datasheet HTML 15Page - ON Semiconductor NCP9004 Datasheet HTML 16Page - ON Semiconductor NCP9004 Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
NCP9004
http://onsemi.com
15
Figure 43. NCP9004 Application Schematic with Single Ended Input Configuration
Figure 44. NCP9004 Application Schematic with Differential Input Configuration and
High Pass Filtering Function
OUTM
OUTP
Cs
GND
Ri
SD
INP
INM
VP
Input from
Microcontroller
Differential
Audio Input
from DAC
Ri
FERRITE
CHIP BEADS
Ci
Ci
OUTM
OUTP
Cs
GND
Ri
SD
INP
INM
VP
Input from
Microcontroller
Single−Ended Audio Input
from DAC
Ri
Ci
Ci
PCB Layout Information
NCP9004 is suitable for low cost solution. In a very small
package it gives all the advantages of a Class−D audio
amplifier. Due to its fully differential capability, the audio
signal can only be provided by an input resistor. If a low pass
filtering function is required, then an input coupling
capacitor is needed. The values of these components
determine the voltage gain and the bandwidth frequency.
The battery positive supply voltage requires a good
decoupling capacitor versus the expected distortion.
When the board is using Ground and Power planes with
at least 4 layers, a single 4.7
mF filtering ceramic capactior
on the bottom face will give optimized performance.
A 1.0
mF low ESR ceramic capacitor can also be used with
slightly degraded performances on the THD+N from 0.06%
up to 0.2%.
In two layer application, if both Vp pins are connected on
the top layer, two decoupling capacitors will improve the
THD+N level. For example, a pair of capactors, 470 nF and
4.7
mF, are good choices for filtering the power supply.
The NCP9004 power audio amplifier can operate from
2.5 V until 5.5 V power supply. With less than 2% THD+N,
it delivers 500 mW rms output power to a 8.0
W load at
Vp =3.0 V and 1.0 W rms output power at Vp = 4.0 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn