Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP9004 Datasheet(PDF) 9 Page - ON Semiconductor

Part No. NCP9004
Description  2.65 W Filterless Class−D Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP9004 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP9004 Datasheet HTML 5Page - ON Semiconductor NCP9004 Datasheet HTML 6Page - ON Semiconductor NCP9004 Datasheet HTML 7Page - ON Semiconductor NCP9004 Datasheet HTML 8Page - ON Semiconductor NCP9004 Datasheet HTML 9Page - ON Semiconductor NCP9004 Datasheet HTML 10Page - ON Semiconductor NCP9004 Datasheet HTML 11Page - ON Semiconductor NCP9004 Datasheet HTML 12Page - ON Semiconductor NCP9004 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NCP9004
http://onsemi.com
9
TYPICAL CHARACTERISTICS
10
−20
100
1000
10000
100000
FREQUENCY (Hz)
Inputs to GND
RL = 4 W
Vp = 3.6 V
Vp = 5 V
−30
−40
−50
−60
−70
−80
10
−20
100
1000
10000
100000
FREQUENCY (Hz)
Inputs to GND
RL = 8 W
Vp = 3.6 V
Vp = 5 V
−30
−40
−50
−60
−70
−80
10
0.01
0.1
1.0
10
100
1000
10000
100000
FREQUENCY (Hz)
Vp = 2.5 V
Vp = 5 V
10
POWER SUPPLY (V)
Figure 21. Output Power vs. Power Supply
RL = 8 W @ f = 1 kHz
Figure 22. Output Power vs. Power Suppy
RL = 4 W @ f = 1 kHz
0.01
0.1
1.0
10
100
1000
10000
100000
Figure 23. THD+N vs. Frequency
RL = 8 W, Pout = 250 mW @ f = 1 kHz
Figure 24. THD+N vs. Frequency
RL = 4 W, Pout = 250 mW @ f = 1 kHz
Figure 25. PSRR vs. Frequency
Inputs Grounded, RL = 8 W, Vripple = 200 mvpkpk
Figure 26. PSRR vs. Frequency
Inputs grounded, RL = 4 W, Vripple = 200 mVpkpk
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
THD+N = 10%
RL = 8 W
f = 1 kHz
THD+N = 1%
POWER SUPPLY (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
THD+N = 10%
THD+N = 1%
2.5
3.0
RL = 4 W
f = 1 kHz
FREQUENCY (Hz)
Vp = 2.5 V
Vp = 3.6 V
Vp = 5 V
Vp = 3.6 V
5.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn