Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP9004 Datasheet(PDF) 7 Page - ON Semiconductor

Part No. NCP9004
Description  2.65 W Filterless Class−D Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP9004 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP9004 Datasheet HTML 3Page - ON Semiconductor NCP9004 Datasheet HTML 4Page - ON Semiconductor NCP9004 Datasheet HTML 5Page - ON Semiconductor NCP9004 Datasheet HTML 6Page - ON Semiconductor NCP9004 Datasheet HTML 7Page - ON Semiconductor NCP9004 Datasheet HTML 8Page - ON Semiconductor NCP9004 Datasheet HTML 9Page - ON Semiconductor NCP9004 Datasheet HTML 10Page - ON Semiconductor NCP9004 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NCP9004
http://onsemi.com
7
TYPICAL CHARACTERISTICS
0.01
0.1
1.0
10
0
0.1
0.2
0.3
0.4
0.5
0.6
Pout (W)
Vp = 3 V
RL = 8 W
f = 1 kHz
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
Pout (W)
Vp = 4.2 V
RL = 8 W
f = 1 kHz
0
10
20
30
40
50
60
70
80
90
0
0.4
0.8
1.2
Pout (W)
Vp = 3.6 V
RL = 4 W
NCP9004
Class AB
0.2
0.6
1.0
100
0
0.2
0.4
Pout (W)
0.6
0.8
90
80
70
60
50
40
30
20
1.0
Vp = 3.6 V
RL = 4 W
NCP9004
Class AB
Figure 9. Efficiency vs. Pout
Vp = 3.6 V, RL = 4 W, f = 1 kHz
Figure 10. Die Temperature vs. Pout
Vp = 3.6 V, RL = 4 W, f = 1 kHz @ TA = +25°C
Figure 11. THD+N vs. Pout
Vp = 5 V, RL = 8 W, f = 1 kHz
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Figure 12. THD+N vs. Pout
Vp = 4.2 V, RL = 8 W, f = 1 kHz
Figure 13. THD+N vs. Pout
Vp = 3.6 V, RL = 8 W, f = 1 kHz
Figure 14. THD+N vs. Pout
Vp = 3 V, RL = 8 W, f = 1 kHz
Pout (W)
Vp = 5.0 V
RL = 8 W
f = 1 kHz
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
Pout (W)
Vp = 3.6 V
RL = 8 W
f = 1 kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn