Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP9004 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCP9004
Description  2.65 W Filterless Class?묭 Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP9004 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP9004 Datasheet HTML 1Page - ON Semiconductor NCP9004 Datasheet HTML 2Page - ON Semiconductor NCP9004 Datasheet HTML 3Page - ON Semiconductor NCP9004 Datasheet HTML 4Page - ON Semiconductor NCP9004 Datasheet HTML 5Page - ON Semiconductor NCP9004 Datasheet HTML 6Page - ON Semiconductor NCP9004 Datasheet HTML 7Page - ON Semiconductor NCP9004 Datasheet HTML 8Page - ON Semiconductor NCP9004 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NCP9004
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (Limits apply for TA = +25°C unless otherwise noted)
Symbol
Unit
Max
Typ
Min
Conditions
Characteristic
Efficiency
RL = 8.0 W, f = 1.0 kHz
Vp = 5.0 V, Pout = 1.2 W
Vp = 3.6 V, Pout = 0.6 W
91
90
%
RL = 4.0 W, f = 1.0 kHz
Vp = 5.0 V, Pout = 2.0 W
Vp = 3.6 V, Pout = 1.0 W
82
81
%
THD+N
Total Harmonic Distortion + Noise
Vp = 5.0 V, RL = 8.0 W,
f = 1.0 kHz, Pout = 0.25 W
Vp = 3.6 V, RL = 8.0 W,
f = 1.0 kHz, Pout = 0.25 W
0.05
0.09
%
CMRR
Common Mode Rejection Ratio
Vp from 2.5 V to 5.5 V
Vic = 0.5 V to Vp − 0.8 V
Vp = 3.6 V, Vic = 1.0 Vpp
f = 217 Hz
f = 1.0 kHz
−62
−56
−57
dB
PSRR
Power Supply Rejection Ratio
Vp_ripple_pk−pk = 200 mV, RL = 8.0 W,
Inputs AC Grounded
Vp = 3.6 V
f = 217 kHz
f = 1.0 kHz
−62
−65
dB
Figure 2. Test Setup for Graphs
OUTM
OUTP
GND
Ri
INP
INM
VP
Ri
Ci
Ci
+
+
4.7 mF
+
Audio Input
Signal
Load
30 kHz
Low Pass
Filter
Measurement
Input
Power
Supply
NCP9004
NOTES:
1. Unless otherwise noted, Ci = 100 nF and Ri= 150 kW. Thus, the gain setting is 2 V/V and the cutoff frequency of the
input high pass filter is set to 10 Hz. Input capacitors are shorted for CMRR measurements.
2. To closely reproduce a real application case, all measurements are performed using the following loads:
RL = 8 W means Load = 15 mH + 8 W + 15 mH
RL = 4 W means Load = 15 mH + 4 W + 15 mH
Very low DCR 15
mH inductors (50 mW) have been used for the following graphs. Thus, the electrical load
measurements are performed on the resistor (8
W or 4 W) in differential mode.
3. For Efficiency measurements, the optional 30 kHz filter is used. An RC low−pass filter is selected with
(100
W, 47 nF) on each PWM output.


Similar Part No. - NCP9004

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NCP9001 ONSEMI-NCP9001 Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP9001SNT1G ONSEMI-NCP9001SNT1G Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP9002FCT2G ONSEMI-NCP9002FCT2G Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
More results

Similar Description - NCP9004

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2821 ONSEMI-NCP2821 Datasheet
247Kb / 19P
   2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
February, 2006 ??Rev. 0
NLMD5820 ONSEMI-NLMD5820 Datasheet
218Kb / 21P
   2.65 W Filterless Class-D Audio Amplifier with Integrated Dual SPST Switch
September, 2007 - Rev. 0
Texas Instruments
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Lyontek Inc.
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
Texas Instruments
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz