Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP9002 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCP9002
Description  1.3 Watt Audio Power Amplifier with Fast Turn On Time
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP9002 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NCP9002
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 9. Output Power versus Power Supply
Figure 10. THD + N versus Frequency
10
100
1000
10,000
100,000
10
0.001
0.1
FREQUENCY (Hz)
Vp = 3.3 V
RL = 8 W
Pout = 250 mW
AV = 2
Figure 11. THD + N versus Frequency
10
100
1000
10,000
100,000
10
0.001
0.1
FREQUENCY (Hz)
Figure 12. THD + N versus Frequency
10
100
1000
10,000
100,000
10
0.001
0.1
FREQUENCY (Hz)
Vp = 3 V
RL = 8 W
Pout = 150 mW
AV = 2
Vp = 2.5 V
RL = 8 W
Pout = 100 mW
AV = 2
Figure 13. THD + N versus Frequency
Figure 14. THD + N versus Frequency
0.01
0.01
0.01
3.5
4.0
4.5
5.0
1700
100
700
POWER SUPPLY (V)
300
500
1100
1500
THD+N < 10%
THD+N < 1%
RL = 8 W
f = 1 kHz
AV = 2
900
1300
3.0
2.5
1
1
1
10
100
1000
10,000
100,000
10
0.001
0.1
FREQUENCY (Hz)
Vp = 2.5 V
RL = 4 W
Pout = 100 mW
AV = 2
10
100
1000
10,000
100,000
10
0.001
0.1
FREQUENCY (Hz)
Vp = 5 V
RL = 8 W
Pout = 250 mW
AV = 2
0.01
0.01
1
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn