Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP9001 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCP9001
Description  1.5 MHz, 600 mA, High−Efficiency, Low Quiescent Current, Adjustable Output Voltage Step−Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP9001 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCP9001
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Typical values are referenced to TA = +25°C, Min and Max values are referenced −40°C to
+85°C ambient temperature, unless otherwise noted, operating conditions VIN = 3.6 V, VOUT = 1.8 V, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Voltage Range
VIN
2.7
5.5
V
Undervoltage Lockout (VIN Falling)
VUVLO
2.3
2.5
2.6
V
Quiescent Current
PFM No Load
Iq
30
45
mA
Standby Current, EN Low
Istb
0.3
1.2
mA
Oscillator Frequency
Fosc
1.3
1.5
1.8
MHz
Peak Inductor Current
ILIM
1200
mA
Feedback Reference Voltage
Vref
0.6
V
FB Pin Tolerance Overtemp @ Iout = 100 mA
VFBtol
−3.0
3.0
%
Reference Voltage Line Regulation
DVFB
0.1
%
Output Voltage Accuracy @ Iout = 100 mA (Note 5)
VOUT
−3%
Vnom
+3%
V
Minimum Output Voltage
VOUT
0.9
V
Maximum Output Voltage
VOUT
3.3
V
Output Voltage Line Regulation (Vin = 2.7–5.5)
Io = 100 mA
DVOUT
0.1
%
Voltage Load Regulation
(IO = 100 mA to 300 mA)
(IO = 100 mA to 600 mA)
VLOADREG
0.0005
0.001
%/mA
%/mA
Load Transient Response (300 mA to 600 mA Load Step, Trise 10 ms)
VOUT
50
mV
Duty Cycle
100
%
P−Ch On−Resistance
RLxH
300
mW
N−Ch On−Resistance
RLxL
300
mW
P−Ch Leakage Current
ILeakH
0.05
mA
N−Ch Leakage Current
ILeakL
0.01
mA
Enable Pin High
VENH
1.2
V
Enable Pin Low
VENL
0.4
V
EN << H >> Input Current, EN = 3.6 V
IENH
2.0
mA
Soft−Start Time
Tstart
350
500
ms
Thermal Shutdown Threshold
TSD
160
°C
Thermal Shutdown Hysteresis
TSDH
25
°C
5. The overall output voltage tolerance depends upon the accuracy of the external resistor (R1, R2).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn