Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP9001 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP9001
Description  1.5 MHz, 600 mA, High−Efficiency, Low Quiescent Current, Adjustable Output Voltage Step−Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP9001 Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCP9001
http://onsemi.com
2
Vout = 3.3 V
Vin = 4.2 V
TA = 25°C
100
90
80
70
60
50
500
600
400
300
200
100
0
Iout (mA)
Figure 2. Efficiency vs. Output Current
GND
2
VIN
1
Vbattery
4.7 mF
EN
3
Enable
LOGIC
CONTROL
& THERMAL
SHUTDOWN
PWM/PFM
CONTROL
ILIMIT
REFERENCE
VOLTAGE
FB
4
LX
5
Q1
10 mF
18 pF
R1
R2
2.2 mH
Q2
Figure 3. Simplified Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn