Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP9001 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NCP9001
Description  1.5 MHz, 600 mA, High−Efficiency, Low Quiescent Current, Adjustable Output Voltage Step−Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP9001 Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 2
1
Publication Order Number:
NCP9001/D
NCP9001
1.5 MHz, 600 mA,
High−Efficiency, Low
Quiescent Current,
Adjustable Output Voltage
Step−Down Converter
The NCP9001 step−down PWM DC−DC converter is optimized for
portable applications powered from one cell Li−ion or three cell
Alkaline/NiCd/NiMH batteries. The device is available in an adjustable
output voltage from 0.9 V to 3.3 V. It uses synchronous rectification to
increase efficiency and reduce external part count. The device also has a
built−in 1.5 MHz (nominal) oscillator which reduces component size by
allowing a small inductor and capacitors. Automatic switching
PWM/PFM mode offers improved system efficiency.
Finally, it includes an integrated soft−start, cycle−by−cycle current
limiting, and thermal shutdown protection. The NCP9001 is
available in the space saving, low profile TSOP5 package.
Features
95.3% of Efficiency for 3.3 V Output and 4.2 V Input and 80 mA
Load−Current
Sources up to 600 mA
1.5 MHz Switching Frequency
Adjustable Output Voltage from 0.9 V to 3.3 V
30 mA Quiescent Current
Synchronous Rectification for Higher Efficiency
2.7 V to 5.5 V Input Voltage Range
Thermal Limit Protection
Shutdown Current Consumption of 0.3 mA
Short Circuit Protection
This is a Pb−Free Device
Typical Applications
Cellular Phones, Smart Phones and PDAs
Digital Still/Video Cameras
MP3 Players and Portable Audio Systems
Wireless and DSL Modems
Portable Equipment
USB Powered Devices
GND
2
VIN
1
EN
3
LX 5
FB 4
OFF ON
VIN
CIN
COUT
R1
R2
Cff
Figure 1. Typical Application
L
VOUT
TSOP−5
SN SUFFIX
CASE 483
http://onsemi.com
MARKING
DIAGRAM
1
5
Device
Package
Shipping
ORDERING INFORMATION
NCP9001SNT1G
TSOP−5
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
DBP
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
5
DBPAYWG
G


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn