Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5604AMTR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5604AMTR2G
Description  High Efficiency White LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5604AMTR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5604AMTR2G Datasheet HTML 5Page - ON Semiconductor NCP5604AMTR2G Datasheet HTML 6Page - ON Semiconductor NCP5604AMTR2G Datasheet HTML 7Page - ON Semiconductor NCP5604AMTR2G Datasheet HTML 8Page - ON Semiconductor NCP5604AMTR2G Datasheet HTML 9Page - ON Semiconductor NCP5604AMTR2G Datasheet HTML 10Page - ON Semiconductor NCP5604AMTR2G Datasheet HTML 11Page - ON Semiconductor NCP5604AMTR2G Datasheet HTML 12Page - ON Semiconductor NCP5604AMTR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NCP5604A, NCP5604B
http://onsemi.com
9
Figure 5. Typical IOUT Tolerance as a Function of the
VBAT Supply
Iout drift versus Vbat
−5
−4
−3
−2
−1
0
1
2
3
4
5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vbat(V)
Iout = 28mA
Iout = 80mA
Figure 6. Typical LED to LED Current Matching at
Low IREF
Iref = 5
mA
0
1
2
3
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vbat (V)
−40
5C
25
5C
85
5C
Figure 7. Typical LED to LED Current Matching at IREF
Maximum
Iref = 100
mA
0
1
2
3
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vbat (V)
−40
5C
25
5C
85
5C
LOAD CONNECTION
The NCP5604A chip is capable of driving the four LED
simultaneously, as depicted in Figure 1, but the load can be
arranged to accommodate one or two LED if necessary in
the application (see Figure 8). The four current mirror can
be connected in parallel to drive a single powerful LED,
thus yielding 100 mA current capability in a single LED.
12
5
6
7
8
GND
12
5
6
7
8
GND
Figure 8. Typical Single and Double LED
Connections
The applications using three LED shall use the
NCP5604B version to make profit of the highest efficiency
(see Figure 9). In this case, LED4 is not connected and pin
5 is internally unconnected.


Similar Part No. - NCP5604AMTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5602 ONSEMI-NCP5602 Datasheet
266Kb / 12P
   High Efficiency Ultra Small Thinnest White LED Driver
July, 2006 ??Rev. 1
NCP5602MUTBG ONSEMI-NCP5602MUTBG Datasheet
266Kb / 12P
   High Efficiency Ultra Small Thinnest White LED Driver
July, 2006 ??Rev. 1
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
NCP5603 ONSEMI-NCP5603 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5603MNR2 ONSEMI-NCP5603MNR2 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
More results

Similar Description - NCP5604AMTR2G

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
logo
Texas Instruments
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
[Old version datasheet]   High-Efficiency White LED Driver
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
   High Efficiency White LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 DIODES-AP3154 Datasheet
611Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com