Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSN254 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. BSN254
Description  N-channel enhancement mode vertical D-MOS transistors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSN254 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSN254 Datasheet HTML 1Page - NXP Semiconductors BSN254 Datasheet HTML 2Page - NXP Semiconductors BSN254 Datasheet HTML 3Page - NXP Semiconductors BSN254 Datasheet HTML 4Page - NXP Semiconductors BSN254 Datasheet HTML 5Page - NXP Semiconductors BSN254 Datasheet HTML 6Page - NXP Semiconductors BSN254 Datasheet HTML 7Page - NXP Semiconductors BSN254 Datasheet HTML 8Page - NXP Semiconductors BSN254 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2002 Feb 19
2
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BSN254; BSN254A
FEATURES
• Direct interface to C-MOS, TTL, etc.
• High-speed switching
• No secondary breakdown
• Low RDSon.
APPLICATIONS
• Line current interruptor in telephone sets
• Relay, high-speed and line transformer drivers.
DESCRIPTION
N-channel enhancement mode vertical D-MOS transistor
in a SOT54 (TO-92) variant package.
PINNING - SOT54 variant
PIN
DESCRIPTION
BSN254
BSN254A
1
gate
source
2
drain
gate
3
source
drain
handbook, halfpage
1
3
2
MAM146
s
d
g
Fig.1 Simplified outline and symbol.
note: various pinnings are available on request
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Device mounted on a printed-circuit board; maximum lead length 4 mm; mounting pad for drain lead minimum
10
× 10 mm.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VDS
drain-source voltage (DC)
250
V
ID
drain current (DC)
310
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
1W
RDSon
drain-source on-state resistance ID = 300 mA; VGS = 10 V
2.8
5
VGSth
gate-source threshold voltage
ID = 1 mA; VDS =VGS
2V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
250
V
VGSO
gate-source voltage (DC)
open drain
−±20
V
ID
drain current (DC)
310
mA
IDM
peak drain current
1.25
A
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
1W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
150
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn