Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSN254 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. BSN254
Description  N-channel enhancement mode vertical D-MOS transistors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BSN254 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2002 Feb 19
6
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BSN254; BSN254A
handbook, halfpage
−50
0
50
(1)
(2)
150
2
1.5
0.5
0
1
100
k
Tj (°C)
MGU573
Fig.9
Temperature coefficient of drain-source
on-state resistance; typical values.
k
R
DSon at Tj
R
DSon at 25 ° C
-----------------------------------------
=
Typical RDSon:
(1) ID = 250 mA; VGS =10V.
(2) ID = 20 mA; VGS = 2.4 V.
handbook, halfpage
−50
0
50
150
1.25
0
1
100
k
Tj (°C)
0.75
0.5
0.25
MGU574
Fig.10 Temperature coefficient of gate-source
threshold voltage; typical values.
k
V
GSth at Tj
V
GSth at 25 ° C
----------------------------------------
=
Typical VGSth at 1 mA.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn