Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSN254 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BSN254
Description  N-channel enhancement mode vertical D-MOS transistors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BSN254 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2002 Feb 19
5
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BSN254; BSN254A
handbook, halfpage
02
10
VGS (V)
1.6
1.2
0.4
0
0.8
1.4
0.6
0.2
1
46
ID
(A)
8
MGU570
Fig.6 Typical transfer characteristics.
VDS = 10 V; Tj =25 °C.
handbook, halfpage
20
10
5
0
15
MGU571
10−1
110
ID (A)
RDSon
(
Ω)
(1)
(2)
(3)
(4)
(5)
(6)
Fig.7
Drain-source on-state resistance as a
function of drain current; typical values.
Tj =25 °C.
(1) VGS = 2.5 V.
(2) VGS =3V.
(3) VGS = 3.5 V.
(4) VGS =4V.
(5) VGS =5V.
(6) VGS =10V.
handbook, halfpage
250
010
30
0
20
VDS (V)
C
(pF)
50
100
150
200
MGU572
Ciss
Coss
Crss
Fig.8
Input, output and feedback capacitance as
functions of drain-source voltage; typical
values.
VGS = 0; f = 1 MHz; Tj =25 °C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn