Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5603 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5603
Description  High Efficiency Charge Pump Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5603 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5603 Datasheet HTML 1Page - ON Semiconductor NCP5603 Datasheet HTML 2Page - ON Semiconductor NCP5603 Datasheet HTML 3Page - ON Semiconductor NCP5603 Datasheet HTML 4Page - ON Semiconductor NCP5603 Datasheet HTML 5Page - ON Semiconductor NCP5603 Datasheet HTML 6Page - ON Semiconductor NCP5603 Datasheet HTML 7Page - ON Semiconductor NCP5603 Datasheet HTML 8Page - ON Semiconductor NCP5603 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCP5603
http://onsemi.com
5
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
Vbat
7.0
V
Power Supply Current
Ibat
800
mA
Digital Input Pins
Vin
−0.5 V < Vbat < Vbat +0.5 V < 6.0 V
V
Digital Input Pins
Iin
"5.0
mA
Output Voltage
Vout
5.5
V
ESD Capability (Note 3)
Human Body Model
Machine Model
VESD
2.5
200
kV
V
QFN10, 3x3 Package
Power Dissipation @ Tamb = +85
°C
Thermal Resistance, Junction−to−Air (RqJA)
PDS
RqJA
580
68.5
mW
°C/W
Operating Ambient Temperature Range
TA
−40 to +85
°C
Operating Junction Temperature Range
TJ
−40 to +125
°C
Maximum Junction Temperature
TJmax
+150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Latchup Current Maximum Rating
100 mA per JEDEC standard, JESD78
Moisture Sensitivity Level (MSL)
1 per IPC/JEDEC standard, J−STD−020A
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
3. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM)
"2.5 kV per JEDEC Standard: JESD22−A114
Machine Model (MM)
"200 V per JEDEC Standard: JESD22−A115.
4. The maximum package power dissipation limit must not be exceeded.


Similar Part No. - NCP5603

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP5603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7820EUFD LINER-LTC7820EUFD Datasheet
528Kb / 10P
   High Efficiency, Charge Pump DC/DC Converter
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
AAT3174 ANALOGICTECH-AAT3174 Datasheet
272Kb / 14P
   High Current, High Efficiency Charge Pump
logo
SiGe Semiconductor, Inc...
AATIAN63 SIGE-AATIAN63 Datasheet
176Kb / 4P
   High Current High Efficiency Charge Pump
logo
Exar Corporation
SP6683 EXAR-SP6683 Datasheet
260Kb / 14P
   1X/1.5X High Efficiency Charge Pump
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com