Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP5602 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCP5602
Description  High Efficiency Ultra Small Thinnest White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP5602 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCP5602
http://onsemi.com
5
POWER SUPPLY SECTION (Typical values are referenced to TA = +25°C, Min & Max values are referenced −40°C to +85°C ambient
temperature, operating conditions 2.85 V < Vbat < 5.5 V, unless otherwise noted.)
Rating
Pin
Symbol
Min
Typ
Max
Unit
Power Supply
11
Vbat
2.7
5.5
V
Continuous DC Current in the Load @ Vf = 3.0 V, ICON = L
@ 3.2 V < Vbat < 5.5 V
@ 3.0 V < Vbat < 5.5 V
7
Iout
60
45
mA
Output ICON Current (ICON = H) @ Tj = + 25°C, Vf = 2.8 V,
Vbat = 3.6 V
7
IICONTROL
600
850
mA
Continuous Output Short Circuit Current
7
Isch
45
150
mA
Output Voltage Compliance (OVP)
7
Vout
4.8
5.7
V
DC−DC Start Time (Cout = 1.0
mF) 3.0 V < Vbat = Nominal < 5.5 V
from Last ACK Bit to Full Load Operation
12
Tstart
150
ms
Output Voltage Turn Off Time from Last ACK Bit to Vout = 5%
12
Toff
300
ms
Standby Current, Vbat = 3.6 V, Iout = 0 mA, ICON = L
@ SCL = SDA = L
@ SCL = SDA = H (No Port Activity)
11
Istdb
6.0
12
mA
Operating Current, @ Iout = 0 mA, ICON = H, Vbat = 3.6 V
11
Iop
750
mA
Output LED to LED Current Matching, @ 3.0 V < Vbat < 4.2 V,
ILED = 10 mA, LED1 & LED2 are Identical −25°C < Ta < 85°C
2, 3
IMAT
1.0
"0.2
1.0
%
Output Current Tolerance @ Vbat = 3.6 V, ILED = 10 mA −25°C < Ta
< 85
°C
2, 3
ITOL
"3.0
%
Charge Pump Operating Frequency −40
°C < Ta < 85°C
Fpwr
1.0
MHz
Thermal Shutdown Protection
TSD
160
°C
Thermal Shutdown Protection Hysteresis
TSDH
30
°C
Efficiency
− LED1 = LED2 = 10 mA, Vf = 3.2 V, Vbat = 3.2 V (Total = 20 mA)
− LED1 = LED2 = 30 mA, Vf = 3.4 V, Vbat = 3.75 V (Total = 60 mA)
EPWR
87
84
%
ANALOG SECTION (Typical values are referenced to TA = +25°C, Min & Max values are referenced −40°C to +85°C ambient
temperature, operating conditions 2.85 V < Vbat < 5.5 V, unless otherwise noted.)
Rating
Pin
Symbol
Min
Typ
Max
Unit
Reference Current @ Vref = 600 mV (Note 7)
4
IREF
1.0
60
mA
Reference Voltage (Note 7)
4
VREF
−3%
600
+3%
mV
Reference Current (IREF) Current Ratio (see Table 2)
ILEDR
16
6. The overall output current tolerance depends upon the accuracy of the external resistor. Using 1% or better resistor is recommended.
7. The external circuit must not force the IREF pin voltage either higher or lower than the 600 mV specified. The limits represent the min/max values
one can force to run the normal operation.
DIGITAL PARAMETERS SECTION (Typical values are referenced to TA = +25°C, Min & Max values are referenced −40°C to +85°C
ambient temperature, operating conditions 2.85 V < Vbat < 5.5 V, unless otherwise noted.) Note: Digital inputs undershoot < − 0.30 V to
ground, Digital inputs overshoot < 0.30 V to VBAT.
Rating
Pin
Symbol
Min
Typ
Max
Unit
InputI2C Clock Frequency (Note 8)
6
FSCK
400
kHz
Positive Going Input High Voltage Threshold, SCL, SDA Signals
5, 6
VIH
1.3
VBAT
V
Negative Going Input High Voltage Threshold, SCL, SDA
Signals
5, 6
VIL
0
0.4
V
8. Parameter not tested in production, guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn