Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP5220 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCP5220
Description  3−in−1 PWM Dual Buck and Linear Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP5220 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCP5220
http://onsemi.com
4
PIN DESCRIPTION
Pin
Symbol
Description
1
COMP
VDDQ error amplifier compensation node.
2
FBDDQ
DDQ regulator feedback pin.
3
SS
Soft−start pin of DDQ and MCH.
4
PGND
Power ground.
5
VTT
VTT regulator output.
6
VDDQ
Power input for VTT linear regulator.
7
AGND
Analog ground connection and remote ground sense.
8
FBVTT
VTT regulator pin for closed loop regulation.
9
SLP_S5
Active LOW control signal to activate S5 Power OFF State.
10
FB1P5
V1P5 switching regulator feedback pin.
11
GND_1P5
Power ground for V1P5 regulator.
12
BG_1P5
Gate driver output for V1P5 regulator low side N−Channel Power FET.
13
TG_1P5
Gate driver output for V1P5 regulator high side N−Channel Power FET.
14
SLP_S3
Active LOW control signal to activate S3 sleep state.
15
COMP_1P5
V1P5 error amplifier compensation node.
16
5VDUAL
5.0 V dual supply input, which is monitored by undervoltage lock out circuitry.
17
BOOT
Gate driver input supply, which is monitored by undervoltage lock out circuitry, and a boost capacitor
connection between SWDDQ and this pin.
18
TG_DDQ
Gate driver output for DDQ regulator high side N−Channel Power FET.
19
BG_DDQ
Gate driver output for DDQ regulator low side N−Channel Power FET.
20
SW_DDQ
DDQ regulator switch node and current limit sense input.
21
TH_PAD
Copper pad on bottom of IC used for heatsinking. This pin should be connected to the ground plane under
the IC.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage (Pin 16) to AGND (Pin 7)
5VDUAL
−0.3, 6.0
V
BOOT (Pin 17) to AGND (Pin 7)
BOOT
−0.3, 14
V
Gate Drive (Pins 12, 13, 18, 19) to AGND (Pin 7)
Vg
−0.3 DC,
−4.0 for
t100 ns; 14
V
Input / Output Pins to AGND (Pin 7)
Pins 1−3, 5, 6, 8−10, 14−15, 20
VIO
−0.3, 6.0
V
PGND (Pin 4), GND_1P5 (Pin 11) to AGND (Pin 7)
VGND
−0.3, 0.3
V
Thermal Characteristics
DFN−20 Plastic Package
Thermal Resistance Junction−to−Air
RqJA
35
°C/W
Operating Junction Temperature Range
TJ
0 to + 150
°C
Operating Ambient Temperature Range
TA
0 to + 70
°C
Storage Temperature Range
Tstg
− 55 to +150
°C
Moisture Sensitivity Level
MSL
2.0
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests: Human Body Model (HBM)
" 2.0 kV per JEDEC standard:
JESD22–A114. Machine Model (MM)
" 200 V per JEDEC standard: JESD22–A115.
2. Latchup Current Maximum Rating:
" 150 mA per JEDEC standard: JESD78.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn