Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP5214A Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP5214A
Description  2−in−1 Notebook DDR Power Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5214A Datasheet(HTML) 2 Page - ON Semiconductor

  NCP5214A Datasheet HTML 1Page - ON Semiconductor NCP5214A Datasheet HTML 2Page - ON Semiconductor NCP5214A Datasheet HTML 3Page - ON Semiconductor NCP5214A Datasheet HTML 4Page - ON Semiconductor NCP5214A Datasheet HTML 5Page - ON Semiconductor NCP5214A Datasheet HTML 6Page - ON Semiconductor NCP5214A Datasheet HTML 7Page - ON Semiconductor NCP5214A Datasheet HTML 8Page - ON Semiconductor NCP5214A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
NCP5214A
http://onsemi.com
2
VDDQEN
VDDQEN
VTTEN
VTTEN
FPWM
FPWM
SS
CSS
PGOOD
5VCC
VTT
VTT
COUT2
Ceramic
10
mF x2
0.9 V, 1.5 A
VTT
VTT
VTT
FBVTT
VTTGND
VCCA
5VCC
DDQREF
AGND
RL1
OCDDQ
BOOST
VCCP
TGDDQ
M1
SWDDQ
M2
PGND1
COMP
FBDDQ
CZ1
RZ1
CP1
CZ2
RZ2
R1
R2
VTTI
BGDDQ
VDDQ
1.8 V, 10 A
L
1.8
mH
VIN
4.5 V to 24 V
(Battery/
Adapter)
5VCC
NCP5214A
Figure 1. Typical Application Diagram
PWRGD
COUT1
POSCAP
150
mF x2
VTTREF
VREF
0.9 V, 15 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn