Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADV7180 Datasheet(PDF) 5 Page - Analog Devices

Part No. ADV7180
Description  10-Bit, 4 x Oversampling SDTV Video Decoder
Download  112 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADV7180 Datasheet(HTML) 5 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
ADV7180
Rev. A | Page 5 of 112
COMPARISON WITH THE ADV7181B
In comparison with the ADV7181B, the ADV7180 LQFP-64 has
the following additional features:
Improved VCR and weak tuner locking capabilities
Three on-chip antialiasing filters
Four general-purpose outputs (GPOs)
1.8 V analog supply voltage
40-lead LFCSP option
Automatic power-down of unused channels when using
INSEL[3:0]
Pin Compatibility with the ADV7181B
The ADV7180 LQFP-64 is pin compatible with the ADV7181B.
A complete ADV7181B-to-ADV7180 change over document is
available on request that specifies software changes required to
make the transition. Contact Analog Devices local field
engineers for more information.
Please note that the ADV7180 has a different ADC reference
decoupling circuit (shown in Figure 2) than the ADV7181B.
VREFN
VREFP
0.1µF
0.1µF
0.1µF
Figure 2. ADV7180 ADC Reference Decoupling Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn