Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP4896 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCP4896
Description  1.0 Watt Audio Power Amplifier with Earpiece Driving Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4896 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4896 Datasheet HTML 2Page - ON Semiconductor NCP4896 Datasheet HTML 3Page - ON Semiconductor NCP4896 Datasheet HTML 4Page - ON Semiconductor NCP4896 Datasheet HTML 5Page - ON Semiconductor NCP4896 Datasheet HTML 6Page - ON Semiconductor NCP4896 Datasheet HTML 7Page - ON Semiconductor NCP4896 Datasheet HTML 8Page - ON Semiconductor NCP4896 Datasheet HTML 9Page - ON Semiconductor NCP4896 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCP4896
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
0.001
0.010
0.100
1.000
10.000
020
40
60
80
100
Figure 8. THD + N vs. Output Power
(SE Mode)
OUTPUT POWER (mW)
VP = 5.0 V
RF = Ri
= 20 kW
SE Mode
RL = 32 W
f = 1.0 kHz
0.001
0.010
0.100
1.000
10.000
0
102030
40
Figure 9. THD + N vs. Output Power
(SE Mode)
OUTPUT POWER (mW)
VP = 3.0 V
RF = Ri
= 20 kW
SE Mode
RL = 32 W
f = 1.0 kHz
0.001
0.010
0.100
1.000
10.000
020
25
30
15
Figure 10. THD + N vs. Output Power
(SE Mode)
OUTPUT POWER (mW)
VP = 2.6 V
RF = Ri
= 20 kW
SE Mode
RL = 32 W
f = 1.0 kHz
10
5.0
10
100
1000
10000
100000
0.001
0.010
0.100
1.000
Figure 11. THD + N vs. Frequency
(SE Mode)
FREQUENCY (Hz)
VP = 4.2 V
RF = Ri
= 20 kW
SE Mode
RL = 32 W
Pout = 50 mW
Figure 12. PSRR (BTL Mode) @ VP = 2.6 V
10
100
1000
10000
100000
FREQUENCY (Hz)
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Figure 13. PSRR (BTL Mode) @ VP = 3.6 V
10
100
1000
10000
100000
FREQUENCY (Hz)
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VP = 3.6 V
RF = Ri
= 20 kW, Cb = 1.0 mF
BTL Mode
RL = 8 W
Vripple = 200 mV pk−pk
VP = 2.6 V
RF = Ri
= 20 kW, Cb = 1.0 mF
BTL Mode
RL = 8 W
Vripple = 200 mV pk−pk


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn