Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP4896 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCP4896
Description  1.0 Watt Audio Power Amplifier with Earpiece Driving Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4896 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP4896 Datasheet HTML 1Page - ON Semiconductor NCP4896 Datasheet HTML 2Page - ON Semiconductor NCP4896 Datasheet HTML 3Page - ON Semiconductor NCP4896 Datasheet HTML 4Page - ON Semiconductor NCP4896 Datasheet HTML 5Page - ON Semiconductor NCP4896 Datasheet HTML 6Page - ON Semiconductor NCP4896 Datasheet HTML 7Page - ON Semiconductor NCP4896 Datasheet HTML 8Page - ON Semiconductor NCP4896 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP4896
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. THD + N vs. Power Out
(BTL Mode)
0
200
400
1000
10
0.001
0.1
Pout, POWER OUT (mW)
VP = 5.0 V
RF = Ri
= 20 kW
BTL Mode
RL = 8 W
f = 1.0 kHz
1
600
800
1200
0.01
Figure 3. THD + N vs. Power Out
(BTL Mode)
0
100
200
300
10
0.001
0.1
Pout, POWER OUT (mW)
Figure 4. THD + N vs. Power Out
(BTL Mode)
0
100
200
300
500
10
0.01
0.1
Pout, POWER OUT (mW)
1
400
500
1
0.01
400
Figure 5. THD + N vs. Frequency
(BTL Mode)
10
100
1000
10,000
100,000
1
0.001
0.1
FREQUENCY (Hz)
0.01
Figure 6. THD + N vs. Frequency
(BTL Mode)
10
100
1000
10,000
100,000
1
0.001
0.1
FREQUENCY (Hz)
0.01
Figure 7. THD + N vs. Frequency
(BTL Mode)
10
100
1000
10,000
100,000
0.001
0.1
FREQUENCY (Hz)
0.01
VP = 3.0 V
RF = Ri
= 20 kW
BTL Mode
RL = 8 W
f = 1.0 kHz
VP = 2.6 V
RF = Ri
= 20 kW
BTL Mode
RL = 4 W
f = 1.0 kHz
VP = 5.0 V
RF = Ri
= 20 kW
BTL Mode
RL = 8 W
Pout = 250 mW
VP = 3.0 V
RF = Ri
= 20 kW
BTL Mode
RL = 8 W
Pout = 250 mW
VP = 2.6 V
RF = Ri
= 20 kW
BTL Mode
RL = 8 W
Pout = 100 mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn