Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP4894 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP4894
Description  1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP4894 Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NCP4894
http://onsemi.com
2
Figure 1. Typical NCP4894 Application Circuit with Differential Input
+
VP
INM
VP
VP
RL
8
W
OUTA
OUTB
VMC
BRIDGE
INP
BYPASS
20 k
W
1
mF
390 nF
SHUTDOWN
CONTROL
20 k
W
1
mF
Cs
SHUTDOWN CONTROL
Rf1
Ri1
Ci1
Negative Diff
Input from DAC
+
20 k
W
20 k
W
390 nF
Ri2
Ci2
Positive Diff
Input from DAC
Rf2
VM
BYPASS
BYPASS
SD SELECT
SD MODE
0
0
1
1
0
1
0
1
Shutdown
On
On
Shutdown
SD MODE
SD SELECT
Status
Cb


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn