Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4894 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4894
Description  1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4894 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4894 Datasheet HTML 2Page - ON Semiconductor NCP4894 Datasheet HTML 3Page - ON Semiconductor NCP4894 Datasheet HTML 4Page - ON Semiconductor NCP4894 Datasheet HTML 5Page - ON Semiconductor NCP4894 Datasheet HTML 6Page - ON Semiconductor NCP4894 Datasheet HTML 7Page - ON Semiconductor NCP4894 Datasheet HTML 8Page - ON Semiconductor NCP4894 Datasheet HTML 9Page - ON Semiconductor NCP4894 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP4894
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. THDN versus Frequency
10
100
0.100
0.001
FREQUENCY (Hz)
Figure 3. THDN versus Frequency
1000
10000
100000
0.010
Figure 4. THDN versus Frequency
Figure 5. THDN versus Frequency
VP = 5 V
RL = 8 W
Pout = 400 mW
Figure 6. THDN versus Output Power
0
200
10
0.001
OUTPUT POWER (mW)
Figure 7. THDN versus Output Power
0.01
0.1
1
400
600
800
1000
1200
10
100
0.100
0.001
FREQUENCY (Hz)
1000
10000
100000
0.010
VP = 3 V
RL = 8 W
Pout = 250 mW
10
100
0.100
0.001
FREQUENCY (Hz)
1000
10000
100000
0.010
VP = 2.6 V
RL = 8 W
Pout = 150 mW
10
100
0.100
0.001
FREQUENCY (Hz)
1000
10000
100000
0.010
VP = 3.6 V
RL = 4 W
Pout = 300 mW
VP = 5 V
RL = 8 W
f = 1 kHz
0
100
10
OUTPUT POWER (mW)
0.01
0.1
1
200
300
400
500
VP = 3 V
RL = 8 W
f = 1 kHz
0.001


Similar Part No. - NCP4894

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
NCP4894DMR2 ONSEMI-NCP4894DMR2 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
NCP4894DMR2G ONSEMI-NCP4894DMR2G Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
NCP4894FCT1G ONSEMI-NCP4894FCT1G Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
NCP4894MNR2 ONSEMI-NCP4894MNR2 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
More results

Similar Description - NCP4894

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
SG Micro Corp
SGM4996 SGMICRO-SGM4996_17 Datasheet
1Mb / 16P
   1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4990 NSC-LM4990 Datasheet
728Kb / 19P
   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Texas Instruments
LM4901MMX TI-LM4901MMX Datasheet
1Mb / 25P
[Old version datasheet]   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
National Semiconductor ...
LM4901 NSC-LM4901 Datasheet
1Mb / 24P
   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Texas Instruments
LM4990 TI-LM4990_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
National Semiconductor ...
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com