Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1601BDR2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1601BDR2
Description  Compact Fixed Frequency Discontinuous or Critical Conduction Voltage Mode Power Factor Correction Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1601BDR2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1601BDR2 Datasheet HTML 7Page - ON Semiconductor NCP1601BDR2 Datasheet HTML 8Page - ON Semiconductor NCP1601BDR2 Datasheet HTML 9Page - ON Semiconductor NCP1601BDR2 Datasheet HTML 10Page - ON Semiconductor NCP1601BDR2 Datasheet HTML 11Page - ON Semiconductor NCP1601BDR2 Datasheet HTML 12Page - ON Semiconductor NCP1601BDR2 Datasheet HTML 13Page - ON Semiconductor NCP1601BDR2 Datasheet HTML 14Page - ON Semiconductor NCP1601BDR2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCP1601A, NCP1601B
http://onsemi.com
11
Vton + Vcontrol
(eq.5b)
for CRM
It is noted that Vton is always greater than or equal to
Vcontrol (i.e., Vton
≥ Vcontrol).
In summary, the input impedance Zin in (eq.6) is obtained
from (eq.1)−(eq.5)
Zin +
Vin
Iin
+
2LIch
Cramp Vcontrol
(eq.6)
Control voltage Vcontrol comes from the PFC output
voltage Vout which is a slowly varying signal. The
bandwidth of Vcontrol can be additionally limited by
inserting an external capacitor Ccontrol to the Vcontrol pin
(Pin 2) in Figure 28. The internal 300 k
W resistor and the
capacitor Ccontrol create a low−pass filter which has a
bandwidth fcontrol in (eq.7). It is generally recommended to
limit the bandwidth below 20 Hz to achieve power factor
correction. Typical value of Ccontrol is 0.1
mF.
Ccontrol u
1
2
p300kW fcontrol
(eq.7)
If the bandwidth of Vcontrol is much less than the 50 or
60 Hz line frequency, the input impedance Zin is slowly
varying or roughly constant. Then, the power factor
correction is achieved in DCM and CRM.
Figure 30. Vcontrol Low−Pass Filtering
300k
Regulation Block
2
Ccontrol
Vcontrol
Vreg
Iref
Iref
96%
IFB
Vcontrol
Processing
Circuit
Maximum Power
Input and output power (Pin and Pout) are derived in
(eq.8) when the circuit efficiency
h is obtained or assumed.
The variable Vac stands for the RMS input voltage.
(eq.8a)
Pin +
Vac2
Zin
+
Vac2CrampVcontrol
2LIch
(eq.8b)
Pout + h Pin +
hVac2CrampVcontrol
2LIch
From (eq.8), control voltage Vcontrol controls the amount
of output power, input power, or input impedance. The
maximum value of the control voltage Vcontrol is 1.05 V
(i.e., Vcontrol(max) = 1.05 V). A parameter called maximum
power resistor Rpower (10.5 k
W typical) is defined in (eq.9)
and restricted to have a maximum
±10% variation
(i.e., 9.5 k
W ≤ Rpower ≤ 11.5 kW) for defining the maximum
power in an application.
Rpower +
Vcontrol(max)
Ich
+
1.05 V
100
mA +
10.5 k
W
(eq.9)
It means that the maximum input and output power
(Pin(max) and Pout(max)) are limited to
±10% variation.
(eq.10a)
Pin(max) +
Vac2CrampRpower
2L
(eq.10b)
Pout(max) +
hVac2CrampRpower
2L
The maximum input current Iac(max) to deliver the
maximum input power Pin(max) is also derived in (eq.11).
The suffix ac stands for RMS value.
(eq.11)
Iac(max) +
Pin(max)
Vac
+
VacCrampRpower
2L
Output Feedback
The output voltage Vout of the PFC circuit is sensed as a
feedback current IFB flowing into the FB pin (Pin 1) of the
device. The FB pin voltage VFB1 is typically less than 5 V
referring to Figure 11. It is much lower than Vout which is
typically 400 V. Therefore, VFB1 is generally neglected.
(eq.12)
IFB +
Vout * VFB1
RFB
[
Vout
RFB
where RFB is the feedback resistor connected between the
FB pin (Pin 1) and the output voltage referring to Figure 2.
Then, the feedback current IFB represents the output
voltage Vout and will be used in the output voltage
regulation,
Undervoltage
Protection
(UVP),
and
Overvoltage Protection (OVP).
Output Voltage Regulation
Feedback current IFB, which presents output voltage
Vout, is regulated with a reference current (Iref = 203
mA
typical) as shown in Figure 31.
Figure 31. Regulation Block
Vreg
Iref
Iref
96%
IFB
1.05 V
When IFB is lower than 96% of Iref, the Vreg which is the
output of the regulation block is as high as Vcontrol(max)
(1.05 V typical) that gives the maximum value on Vton. As
a result, it gives the maximum MOSFET on time and Vout
increases. When IFB is higher than Iref, the Vreg becomes 0
V that gives no MOSFET on time and Vout decreases. As
a result, the output voltage Vout is regulated around the
range between 96% and 100% of the nominal value of RFB
× Iref.
Based on (eq.8) for a particular power level, the Vcontrol
is inversely proportional to Vac2. Hence, in high Vac
condition Vcontrol is lower. It means that IFB or output


Similar Part No. - NCP1601BDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1601 ONSEMI-NCP1601 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1601 ONSEMI-NCP1601 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
More results

Similar Description - NCP1601BDR2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
logo
Texas Instruments
UCC28180 TI1-UCC28180 Datasheet
1Mb / 48P
[Old version datasheet]   Programmable Frequency, Continuous Conduction Mode (CCM), Boost Power Factor Correction (PFC) Controller
logo
Silan Microelectronics ...
SA7527 SILAN-SA7527 Datasheet
263Kb / 8P
   POWER FACTOR CORRECTION CONTROLLER OF CRITICAL DUCTING
logo
Texas Instruments
UCC28180 TI-UCC28180_15 Datasheet
1Mb / 45P
[Old version datasheet]   UCC28180 Programmable Frequency, Continuous Conduction Mode (CCM), Boost Power Factor Correction (PFC) Controller
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
logo
STMicroelectronics
STEVAL-ILB001V2 STMICROELECTRONICS-STEVAL-ILB001V2 Datasheet
115Kb / 4P
   Discontinuous-conduction mode
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
Fairchild Semiconductor
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
   Boundary Conduction Mode Power Factor Correction (PFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com