Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP4326 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCP4326
Description  Secondary Controller for Multi−Output Quasi−Resonant Switchmode Power Supplies
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP4326 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
NCP4326
http://onsemi.com
6
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage on Pin 12 (Vcc), Pin 8 (CPm) and Pin 13/11 (DRV1/DRV2)
16
V
Maximum Voltage on all other pins except Pin 12 (Vcc), Pin 8 (CPm) and Pin 13/11
(DRV1/DRV2)
−0.3 to 6
V
Maximum Current into all pins except Pin 12 (Vcc) and Pin 13/11 (DRV1/DRV2)
when ESD diodes are activated
5
mA
Maximum current in Pin 7 (Sync)
+3/−3
mA
Thermal Resistance, Junction−to−Case
RθJC
55
°C/W
Thermal Resistance, Junction−to−Air
RθJA
150
°C/W
Maximum Junction Temperature
TJMAX
150
°C
Storage Temperature Range
−60 to +150
°C
ESD Capability
Human Body Model (HBM)
Machine Model (MM)
2
200
kV
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn