Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP3418B Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NCP3418B
Description  MOSFET Driver with Dual Outputs for Synchronous Buck Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3418B Datasheet(HTML) 1 Page - ON Semiconductor

  NCP3418B Datasheet HTML 1Page - ON Semiconductor NCP3418B Datasheet HTML 2Page - ON Semiconductor NCP3418B Datasheet HTML 3Page - ON Semiconductor NCP3418B Datasheet HTML 4Page - ON Semiconductor NCP3418B Datasheet HTML 5Page - ON Semiconductor NCP3418B Datasheet HTML 6Page - ON Semiconductor NCP3418B Datasheet HTML 7Page - ON Semiconductor NCP3418B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 5
1
Publication Order Number:
NCP3418B/D
NCP3418B
MOSFET Driver with Dual
Outputs for Synchronous
Buck Converters
The NCP3418B is a single Phase 12 V MOSFET gate driver
optimized to drive the gates of both high−side and low−side power
MOSFETs in a synchronous buck converter. The high−side and
low−side driver is capable of driving a 3000 pF load with a 25 ns
propagation delay and a 20 ns transition time.
With a wide operating voltage range, high or low side MOSFET
gate drive voltage can be optimized for the best efficiency. Internal
adaptive nonoverlap circuitry further reduces switching losses by
preventing simultaneous conduction of both MOSFETs.
The floating top driver design can accommodate VBST voltages as
high as 30 V, with transient voltages as high as 35 V. Both gate outputs
can be driven low by applying a low logic level to the Output Disable
(OD) pin. An Undervoltage Lockout function ensures that both driver
outputs are low when the supply voltage is low, and a Thermal
Shutdown function provides the IC with overtemperature protection.
The NCP3418B is pin−to−pin compatible with Analog Devices
ADP3418 with the following advantages:
Features
Faster Rise and Fall Times
Thermal Shutdown for System Protection
Internal Pulldown Resistor Suppresses Transient Turn On of Either
MOSFET
Anti Cross−Conduction Protection Circuitry
Floating Top Driver Accommodates Boost Voltages of up to 30 V
One Input Signal Controls Both the Upper and Lower Gate Outputs
Output Disable Control Turns Off Both MOSFETs
Complies with VRM10.x and VRM11.x Specifications
Undervoltage Lockout
Thermal Shutdown
Thermally Enhanced Package Available
These are Pb−Free Devices
Device
Package
Shipping
ORDERING INFORMATION
SO−8
(Pb−Free)
2500 Tape & Reel
NCP3418BDR2G
A = Assembly Location
L
= Wafer Lot
Y = Year
W = Work Week
G = Pb−Free Package
MARKING
DIAGRAMS
PIN CONNECTIONS
SO−8
D SUFFIX
CASE 751
1
8
DRVL
VCC
18
PGND
OD
SWN
IN
DRVH
BST
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
3418B
ALYW
G
1
8
DFN−10
MN SUFFIX
CASE 485C
DFN−10
(Pb−Free)
3000 Tape & Reel
NCP3418BMNR2G
PGND
VCC
PGND
OD
SWN
IN
DRVH
BST
DRVL
VCC
(Top View)
110
3418B
ALYW
G


Similar Part No. - NCP3418B

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NCP3418B ONSEMI-NCP3418B Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
More results

Similar Description - NCP3418B

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NCP3488 ONSEMI-NCP3488 Datasheet
139Kb / 7P
   MOSFET Driver with Dual Outputs for Synchronous Buck Converters
May, 2006 ??Rev. 1
NCP3420 ONSEMI-NCP3420 Datasheet
155Kb / 9P
   MOSFET Driver with Dual Outputs for Synchronous Buck Converters
December, 2009 ??Rev. 3
International Rectifier
International Rectifier
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
211Kb / 8P
   Synchronous MOSFET for Buck Converters
IRFH5301PBF IRF-IRFH5301PBF_15 Datasheet
242Kb / 9P
   Synchronous MOSFET for Buck Converters
IRFH5302PBF IRF-IRFH5302PBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for buck converters
ON Semiconductor
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
   Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
International Rectifier
International Rectifier
IRFH4209DPBF IRF-IRFH4209DPBF_15 Datasheet
491Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210PBF IRF-IRFH4210PBF_15 Datasheet
500Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210DPBF IRF-IRFH4210DPBF Datasheet
256Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4213DPBF IRF-IRFH4213DPBF Datasheet
734Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz