Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3418B Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP3418B
Description  MOSFET Driver with Dual Outputs for Synchronous Buck Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3418B Datasheet(HTML) 7 Page - ON Semiconductor

  NCP3418B Datasheet HTML 1Page - ON Semiconductor NCP3418B Datasheet HTML 2Page - ON Semiconductor NCP3418B Datasheet HTML 3Page - ON Semiconductor NCP3418B Datasheet HTML 4Page - ON Semiconductor NCP3418B Datasheet HTML 5Page - ON Semiconductor NCP3418B Datasheet HTML 6Page - ON Semiconductor NCP3418B Datasheet HTML 7Page - ON Semiconductor NCP3418B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NCP3418B
http://onsemi.com
7
PACKAGE DIMENSIONS
10 PIN DFN
MN SUFFIX
CASE 485C−01
ISSUE A
10X
SEATING
PLANE
L
D
E
0.15 C
A
A1
e
D2
E2
b
15
10
6
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
5. TERMINAL b MAY HAVE MOLD COMPOUND
MATERIAL ALONG SIDE EDGE. MOLD
FLASHING MAY NOT EXCEED 30 MICRONS
ONTO BOTTOM SURFACE OF TERMINAL b.
6. DETAILS A AND B SHOW OPTIONAL VIEWS
FOR END OF TERMINAL LEAD AT EDGE OF
PACKAGE.
B
A
0.15 C
TOP VIEW
SIDE VIEW
BOTTOM VIEW
PIN 1
REFERENCE
0.10 C
0.08 C
(A3)
C
10X
10X
0.10 C
0.05 C
A B
NOTE 3
K
10X
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.18
0.30
D
3.00 BSC
D2
2.45
2.55
E
3.00 BSC
E2
1.75
1.85
e
0.50 BSC
L
0.35
0.45
L1
0.00
0.03
DETAIL A
K
0.19 TYP
2X
2X
L1
DETAIL A
Bottom View
(Optional)
A1
A3
DETAIL B
Side View
(Optional)
EDGE OF PACKAGE
MOLD CMPD
EXPOSED Cu
DETAIL B
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
2.1746
2.6016
1.8508
0.5000 PITCH
0.5651
10X
3.3048
0.3008
10X
DIMENSIONS: MILLIMETERS


Similar Part No. - NCP3418B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418B ONSEMI-NCP3418B Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
More results

Similar Description - NCP3418B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3488 ONSEMI-NCP3488 Datasheet
139Kb / 7P
   MOSFET Driver with Dual Outputs for Synchronous Buck Converters
May, 2006 ??Rev. 1
NCP3420 ONSEMI-NCP3420 Datasheet
155Kb / 9P
   MOSFET Driver with Dual Outputs for Synchronous Buck Converters
December, 2009 ??Rev. 3
logo
International Rectifier
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
211Kb / 8P
   Synchronous MOSFET for Buck Converters
IRFH5301PBF IRF-IRFH5301PBF_15 Datasheet
242Kb / 9P
   Synchronous MOSFET for Buck Converters
IRFH5302PBF IRF-IRFH5302PBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for buck converters
logo
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
   Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
logo
International Rectifier
IRFH4209DPBF IRF-IRFH4209DPBF_15 Datasheet
491Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210PBF IRF-IRFH4210PBF_15 Datasheet
500Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210DPBF IRF-IRFH4210DPBF Datasheet
256Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4213DPBF IRF-IRFH4213DPBF Datasheet
734Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com