Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP2892 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP2892
Description  1.3 Watt Audio Power Amplifier with Fast Turn On Time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2892 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP2892 Datasheet HTML 1Page - ON Semiconductor NCP2892 Datasheet HTML 2Page - ON Semiconductor NCP2892 Datasheet HTML 3Page - ON Semiconductor NCP2892 Datasheet HTML 4Page - ON Semiconductor NCP2892 Datasheet HTML 5Page - ON Semiconductor NCP2892 Datasheet HTML 6Page - ON Semiconductor NCP2892 Datasheet HTML 7Page - ON Semiconductor NCP2892 Datasheet HTML 8Page - ON Semiconductor NCP2892 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCP2892 Series
http://onsemi.com
2
Figure 1. Typical Audio Amplifier Application Circuit with Single Ended Input
+
+
Vp
INM
Vp
Vp
8
W
OUTA
OUTB
R1
20 k
W
R2
20 k
W
INP
BYPASS
20 k
W
1
mF
47 nF
VM
VM_P
SHUTDOWN
CONTROL
Cbypass
20 k
W
1
mF
Cs
SHUTDOWN
Rf
Ri
Ci
AUDIO
INPUT
VIH
VIL
Figure 2. Typical Audio Amplifier Application Circuit with a Differential Input
+
+
Vp
INM
Vp
Vp
8
W
OUTA
OUTB
R1
20 k
W
R2
20 k
W
INP
BYPASS
20 k
W
1
mF
47 nF
VM
VM_P
SHUTDOWN
CONTROL
Cbypass
20 k
W
1
mF
Cs
SHUTDOWN
Rf
Ri
Ci
AUDIO
INPUT
VIH
VIL
20 k
W
47 nF
Ri
Ci
+
20 k
W
Rf
This device contains 671 active transistors and 1899 MOS gates.


Similar Part No. - NCP2892

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2890 ONSEMI-NCP2890 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890 ONSEMI-NCP2890 Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
206Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
More results

Similar Description - NCP2892

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2990 ONSEMI-NCP2990 Datasheet
131Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
September, 2006 ??Rev. 0
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP2993FCT2GEVB ONSEMI-NCP2993FCT2GEVB Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2993 ONSEMI-NCP2993 Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2991 ONSEMI-NCP2991_09 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
NCP2991 ONSEMI-NCP2991 Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
logo
Texas Instruments
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com