Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP2892 Datasheet(PDF) 15 Page - ON Semiconductor

Part No. NCP2892
Description  1.3 Watt Audio Power Amplifier with Fast Turn On Time
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP2892 Datasheet(HTML) 15 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
NCP2892 Series
http://onsemi.com
15
BILL OF MATERIAL
Item
Part Description
Ref.
PCB
Footprint
Manufacturer
Manufacturer
Reference
1
NCP2892 Audio Amplifier
ON Semiconductor
NCP2892
2
SMD Resistor 20 K
W
R1, R5
0805
Panasonic
ERJ−6GEYJ203V
3
SMD Resistor 100 K
W
R2, R4
0805
Panasonic
ERJ−6GEYJ104V
4
SMD Resistor 150 K
W
R3
0805
Panasonic
ERJ−6GEYJ154V
5
Ceramic Capacitor 100 nF, 100 V X7R
C1, C5
0805
TDK
C2012X7R2A473K
6
Ceramic Capacitor 1.0
mF, 10 V X7R
C3, C4
0805
TDK
C2012X7R1A105K
7
Jumper Header Vertical Mount, 2 positions, 100 mils
J8, J9, J12
100 mils
Tyco Electronics / AMP
5−826629−0
8
I/O Connector, 2 positions
J5, J11
200 mils
Phoenix Contact
1757242
9
Jumper Connector
J7
400 mils
Harwin
D3082−B01
10
Not Mounted
C2, TP1
ORDERING INFORMATION
Device
Marking
Package
Shipping
NCP2892AFCT2G
MAX
9−Pin Flip−Chip CSP
(Pb−Free)
3000/Tape and Reel
NCP2892BFCT2G
MAZ
9−Pin Flip−Chip CSP
(Pb−Free)
3000/Tape and Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
NOTE: The NCP2892AFCT2G version requires a lead−free solder paste and should not be used with a SnPb solder paste.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn