Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP2892 Datasheet(PDF) 9 Page - ON Semiconductor

Part No. NCP2892
Description  1.3 Watt Audio Power Amplifier with Fast Turn On Time
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP2892 Datasheet(HTML) 9 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCP2892 Series
http://onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 21. TON versus Cbypass @ Vbat = 3.6 V,
TA = +255C
Figure 22. TON versus Temperature @ Vbat = 3.6 V,
Cbypass = 1 mF
Figure 23. TON vs. Vbat @ Cbypass = 1 mF,
TA = +255C
Figure 24. Power Dissipation versus Output
Power
Figure 25. Power Dissipation versus Output
Power
Figure 26. Power Dissipation versus Output
Power
Cbypass (nF)
400
800
1600
180
0
60
140
1200
2000
40
80
120
100
160
20
0
TEMPERATURE (
°C)
−25
25
75
50
70
0
50
100
125
90
80
120
100
60
−50
110
Vbat = 5.5 V
Vbat = 3.6 V
Vbat = 2.5 V
2.5
3.0
96
76
78
Vbat, (V)
0
0.1
0.2
0.3
0.3
0
0.1
Pout, OUTPUT POWER (W)
Vp = 3.3 V
RL = 8 W
F = 1 kHz
THD + N < 0.1%
0
0.1
0.2
0.3
0.4
0.25
0
0.05
Pout, OUTPUT POWER (W)
Vp = 3 V
RL = 8 W
F = 1 kHz
THD + N < 0.1%
86
3.5
4.0
4.5
5.0
5.5
0.2
0.4
0.5
0.1
80
82
84
88
0.05
0.15
0.25
0.15
0.2
90
92
94
0
0.2
0.7
0
0.1
Pout, OUTPUT POWER (W)
Vp = 5 V
RL = 8 W
F = 1 kHz
THD + N < 0.1%
0.5
0.4
0.6
0.8
1
1.2
0.2
0.3
0.4
0.6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn