Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1595 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NCP1595
Description  Current Mode PWM Converter for Low Voltage Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1595 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1595 Datasheet HTML 1Page - ON Semiconductor NCP1595 Datasheet HTML 2Page - ON Semiconductor NCP1595 Datasheet HTML 3Page - ON Semiconductor NCP1595 Datasheet HTML 4Page - ON Semiconductor NCP1595 Datasheet HTML 5Page - ON Semiconductor NCP1595 Datasheet HTML 6Page - ON Semiconductor NCP1595 Datasheet HTML 7Page - ON Semiconductor NCP1595 Datasheet HTML 8Page - ON Semiconductor NCP1595 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 2
1
Publication Order Number:
NCP1595/D
NCP1595, NCP1595A
Current Mode PWM
Converter for Low Voltage
Outputs
The NCP1595/NCP1595A is a current mode PWM buck converter
with integrated power switch and synchronous rectifier. It can provide
up to 1.5 A output current with high conversion efficiency. High
frequency PWM control scheme can provide a low output ripple noise.
Thus, it allows the usage of small size passive components to reduce
the board space. In a low load condition, the controller will
automatically change to PFM mode for provides a higher efficiency at
low load. Additionally, the device includes soft−start, thermal
shutdown with hysteresis, cycle−by−cycle current limit, and short
circuit protection. This device is available in compact 3x3 DFN
package.
Features
High Efficiency 95% @ 3.375 V
Synchronous Rectification for Higher Efficiency in PWM Mode
Integrated MOSFET
Fully Internal Compensation
High Switching Frequency, 1.0 MHz
Low Output Ripple
Cycle−by−cycle Current Limit
Current Mode Control
Short Circuit Protection
Built−in Slope Compensation for Current Mode PWM Converter
$1.5% Reference Voltage
Thermal Shutdown with Hysteresis
Ext. Adjustable Output Voltage
Fast Transient Response
Low Profile and Minimum External Components
Designed for Use with Ceramic Capacitor
Compact 3x3 DFN Package
These are Pb−Free Devices
Typical Applications
Hard Disk Drives
USB Power Device
Wireless and DSL Modems
DFN6 3*3 MM, 0.95 PITCH
CASE 506AH
MARKING DIAGRAMS
http://onsemi.com
1
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
1595A
ALYW
G
1
N1595
ALYW
G
1
NC
VCC
VCCP
FB
GND
LX
EN
VCC
VCCP
FB
GND
LX
1595
1595A
PIN CONNECTIONS
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn