Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1582 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP1582
Description  Low Voltage Synchronous Buck Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1582 Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCP1582, NCP1582A, NCP1583
http://onsemi.com
2
Figure 2. Typical VGA Card Application Diagram
BST
TG
GND
BG
COMP/DIS
FB
VCC
VOUT
PHASE
12 V
3.3 V
Figure 3. Detailed Block Diagram
LATCH
FB
COMP/DIS
0.8 V
(VREF)
VCC
+
Clock
Ramp
OSC
OSC
R
S
Q
PWM
OUT
FAULT
+
2 V
+
2 V
FAULT
TG
BST
PHASE
VCC
BG
GND
7
1
2
8
4
3
FAULT
+
SCP
POR
UVLO
5
+
6
SCP Trip Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn