Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1573 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NCP1573
Description  Low Voltage Synchronous Buck Controller
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1573 Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCP1573
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (0°C < TJ < 125°C, 11.4 V < VCC < 12.6 V, CGATE(H) = CGATE(L) = 3.3 nF,
CPGDELAY = 0.01 μF, CCOMP = 0.1 μF; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Error Amplifier
VFB Bias Current
VFB = 0 V
0.2
2.0
μA
COMP Source Current
COMP = 1.5 V, VFB = 0.8 V
15
30
60
μA
COMP Sink Current
COMP = 1.5 V, VFB = 1.2 V
15
30
60
μA
Reference Voltage
COMP = VFB
TJ < 25°C
0.970
0.965
0.980
0.980
0.990
0.995
V
V
COMP Max Voltage
VFB = 0.8 V
2.4
2.7
V
COMP Min Voltage
VFB = 1.2 V
0.1
0.2
V
Open Loop Gain
98
dB
Unity Gain Bandwidth
20
kHz
PSRR @ 1.0 kHz
70
dB
Output Transconductance
32
mmho
Output Impedance
2.5
GATE(H) and GATE(L)
Rise Time
1.0 V < GATE(L), GATE(H) < VCC − 2.0 V
40
80
ns
Fall Time
VCC − 2.0 V < GATE(L), GATE(H) < 1.0 V
40
80
ns
GATE(H) to GATE(L) Delay
GATE(H) < 2.0 V, GATE(L) > 2.0 V
40
60
100
ns
GATE(L) to GATE(H) Delay
GATE(L) < 2.0 V, GATE(H) > 2.0 V
40
60
100
ns
Minimum Pulse Width
GATE(X) = 4.0 V
250
ns
High Voltage (AC)
Measure GATE(L) or GATE(H)
0.5 nF < CGATE(H) = CGATE(L) < 10 nF
Note 2.
VCC − 0.5
VCC
V
Low Voltage (AC)
Measure GATE(L) or GATE(H)
0.5 nF < CGATE(H) = CGATE(L) < 10 nF
Note 2.
0
0.5
V
GATE(H)/(L) Pull−Down
Resistance to GND. Note 2.
20
50
115
Power Good
Lower Threshold, VO Rising
TJ < 25°C
0.852
0.847
0.882
0.882
0.912
0.917
V
V
Lower Threshold, VO Falling
TJ < 25°C
0.663
0.658
0.685
0.685
0.709
0.714
V
V
PWRGD Low Voltage
ISINK = 1.0 mA, VFB = 0 V
0.15
0.4
V
Delay Charge Current
PGDELAY = 2.0 V
7.0
12
18
μA
Delay Clamp Voltage
3.45
4.0
4.3
V
Delay Charge Threshold
Ramp PGDELAY, Monitor PWRGD
3.1
3.3
3.5
V
“Good” Signal Delay
With 0.01 μF. Note 2.
1.0
3.0
5.0
ms
2. Guaranteed by design. Not tested in production.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn