Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1570 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP1570
Description  Low Voltage Synchronous Buck Controller
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1570 Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCP1570
http://onsemi.com
2
Figure 1. Applications Circuit
GND
VFB
GATE(L)
GATE(H)
VCC
PWRGD
PGDELAY
COMP
NCP1570
C13
0.1 μF
C12
0.01 μF
R1
50 k
12 V
VLOGIC
5.0 V
NTD4302
NTD4302
1.2 μH
10 k
+
+
33 μF/8.0 V/1.6 Arms × 4
56 μF/4.0 V/1.6 Arms
SP−CAP 40 mΩ
GND
Q1
Q2
+
+
C3
C2
C1
+
+
+
GND
1.2 V
C8
C9
C10
C11
1.2 V/10 A
2.0 k
R3
R5
L1
100 pF
C6
C4
0.1 μF
PWRGD
MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature
150
°C
Storage Temperature Range
−65 to 150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
ESD Susceptibility (Machine Model)
200
V
Lead Temperature Soldering:
Reflow: (Note 1)
230 peak
°C
Moisture Sensitivity Level
2
Package Thermal Resistance, SO−8
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
48
165
°C/W
°C/W
1. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.
MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
IC Power Input
VCC
15 V
−0.5 V
N/A
1.5 A Peak
450 mA DC
Compensation Capacitor
COMP
6.0 V
−0.5 V
10 mA
10 mA
Voltage Feedback Input
VFB
6.0 V
−0.5 V
1.0 mA
1.0 mA
Power Good Output
PWRGD
15 V
−0.5 V
1.0 mA
20 mA
Power Good Delay
PGDELAY
6.0 V
−0.5 V
1.0 mA
10 mA
High−Side FET Driver
GATE(H)
15 V
−0.5 V
−2.0 V for 50 ns
1.5 A Peak
200 mA DC
1.5 A Peak
200 mA DC
Low−Side FET Driver
GATE(L)
15 V
−0.5 V
−2.0 V for 50 ns
1.5 A Peak
200 mA DC
1.5 A Peak
200 mA DC
Ground
GND
0.5 V
−0.5 V
1.5 A Peak
450 mA DC
N/A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn