Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1562A Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCP1562A
Description  High Performance Active Clamp/Reset PWM Controller
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1562A Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1562A Datasheet HTML 1Page - ON Semiconductor NCP1562A Datasheet HTML 2Page - ON Semiconductor NCP1562A Datasheet HTML 3Page - ON Semiconductor NCP1562A Datasheet HTML 4Page - ON Semiconductor NCP1562A Datasheet HTML 5Page - ON Semiconductor NCP1562A Datasheet HTML 6Page - ON Semiconductor NCP1562A Datasheet HTML 7Page - ON Semiconductor NCP1562A Datasheet HTML 8Page - ON Semiconductor NCP1562A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
NCP1562A, NCP1562B
http://onsemi.com
4
PIN FUNCTION DESCRIPTION (continued)
Pin
Symbol
Description
15
OUT1
Main output of the PWM Controller. OUT1 has a source resistance of 4.0 Ω (typ.) and a sink resistance
of 2.5 Ω (typ.). OUT1 is designed to handle up to 2.5 A. OUT1 trails OUT2 during a low to high
transition and leads OUT2 during a high to low transition.
16
VAUX
Positive input supply. This pin connects to an external capacitor for energy storage. An internal current
source supplies current from Vin to this pin. Once the voltage on VAUX reaches approximately 10.3 V,
the current source turns OFF and the outputs are enabled. It turns ON again once VAUX falls to 8.0 V. If
the bias current consumption exceeds the startup current, VAUX will continue to discharge. Once VAUX
reaches 7.0 V, the outputs are disabled allowing VAUX to charge. During normal operation, power is
supplied to the IC via this pin by means of an auxiliary winding. The startup circuit is disabled once the
voltage on the VAUX pin exceeds 10.3 V. If the VAUX voltage drops below 1.2 V (typ), the startup
current is reduced to 200 mA.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn