Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1562A Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCP1562A
Description  High Performance Active Clamp/Reset PWM Controller
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1562A Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1562A Datasheet HTML 1Page - ON Semiconductor NCP1562A Datasheet HTML 2Page - ON Semiconductor NCP1562A Datasheet HTML 3Page - ON Semiconductor NCP1562A Datasheet HTML 4Page - ON Semiconductor NCP1562A Datasheet HTML 5Page - ON Semiconductor NCP1562A Datasheet HTML 6Page - ON Semiconductor NCP1562A Datasheet HTML 7Page - ON Semiconductor NCP1562A Datasheet HTML 8Page - ON Semiconductor NCP1562A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
NCP1562A, NCP1562B
http://onsemi.com
5
MAXIMUM RATINGS (Notes 1 and 2)
Rating
Symbol
Value
Unit
Line Voltage
Vin
100
V
Auxiliary Supply, OUT1, OUT2
VAUX,Voutx
20
V
All Other Inputs/Outputs Voltage
VIO
10
V
All Other Inputs/Outputs Current
IIO
5.0
mA
5.0 V Reference Output Current
IREF
10
mA
5.0 V Reference Output Voltage
VREF
--0.3to6.0
V
OUT1 Peak Output Current (D = 2%)
Iout1
2.5
A
OUT2 Peak Output Current (D = 2%)
Iout2
1.0
A
Operating Junction Temperature
TJ
–40 to +125
_
C
Storage Temperature Range
Tstg
–55 to +150
_
C
Power Dissipation (TA =25_C, 2.0 Oz Cu, 1.0 Sq Inch Printed Circuit Copper Clad)
DT Suffix, Plastic Package Case 948F (TSSOP--16)
D Suffix, Plastic Package Case 751B (SO--16)
PD
0.75
0.95
W
Thermal Resistance, Junction to Ambient (2.0 Oz Cu Printed Circuit Copper Clad)
DT Suffix, Plastic Package Case 948F (TSSOP--16)
0.36 Sq In
1.0SqIn
D Suffix, Plastic Package Case 751B (SO--16)
0.36 Sq In
1.0SqIn
RθJA
155
133
120
105
_
C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Pins 2--16:
Human Body Model 2000 V per MIL–STD–883, Method 3015.
Machine Model Method 160 V.
Pin 1 is the HV startup of the device and is rated to the max rating of the part, or 100 V.
2. This device contains Latchup protection and exceeds 100 mA per JEDEC Standard JESD78.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn