Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1521 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NCP1521
Description  1.5 MHz, 600 mA, High−Efficiency, Low Quiescent Current, Adjustable Output Voltage Step−Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1521 Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCP1521
http://onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin No.
TSOP5
Pin No.
UDFN6
Symbol
Function
Description
1
3
VIN
Analog Input
Power Supply Input for Analog VCC.
2
2, 4
GND
Analog/Power
Ground
Ground connection for the NFET Power Stage and the Analog Sections of
the IC.
3
1
EN
Digital Input
Enable for Switching Regulator. This pin is active high. Do not float this pin.
4
6
FB
Analog Input
Feedback voltage from the output of the power supply. This is the input to
the error amplifier.
5
5
LX
Analog Output
Connection from Power MOSFETs to the Inductor. For one option, an output
discharge circuit sinks current from this pin.
Figure 5. Pin Connections − TSOP5
Figure 6. Pin Connections − UDFN6
(Top View)
1
2
3
5
4
VIN
GND
EN
LX
FB
1
2
3
6
4
EN
GND
VIN
FB
GND
PIN CONNECTIONS
5
LX
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Minimum Voltage All Pins
Vmin
−0.3
V
Maximum Voltage All Pins (Note 2)
Vmax
7.0
V
Maximum Voltage Enable, FB, LX
Vmax
VIN + 0.3
V
Thermal Resistance, Junction −to−Air
TSOP5
UDFN6
RqJA
200
TBD
_C/W
Operating Ambient Temperature Range
TA
−40 to 85
_C
Storage Temperature Range
Tstg
−55 to 150
_C
Junction Operating Temperature
Tj
−40 to 125
_C
Latch−up Current Maximum Rating (TA = 85°C) (Note 4)
Lu
+/−100
mA
ESD Withstand Voltage (Note 3)
Human Body Model
Machine Model
Vesd
2.0
200
kV
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values
(not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.
1. Maximum electrical ratings are defined as those values beyond which damage to the device may occur at TA = 25°C.
2. According to JEDEC standard JESD22−A108B.
3. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM) per JEDEC standard: JESD22−A114.
Machine Model (MM) per JEDEC standard: JESD22−A115.
4. Latchup current maximum rating per JEDEC standard: JESD78.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn