Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1521 Datasheet(PDF) 16 Page - ON Semiconductor

Part No. NCP1521
Description  1.5 MHz, 600 mA, High−Efficiency, Low Quiescent Current, Adjustable Output Voltage Step−Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1521 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button NCP1521 Datasheet HTML 9Page - ON Semiconductor NCP1521 Datasheet HTML 10Page - ON Semiconductor NCP1521 Datasheet HTML 11Page - ON Semiconductor NCP1521 Datasheet HTML 12Page - ON Semiconductor NCP1521 Datasheet HTML 13Page - ON Semiconductor NCP1521 Datasheet HTML 14Page - ON Semiconductor NCP1521 Datasheet HTML 15Page - ON Semiconductor NCP1521 Datasheet HTML 16Page - ON Semiconductor NCP1521 Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
NCP1521
http://onsemi.com
16
PACKAGE DIMENSIONS
TSOP−5
SN SUFFIX
CASE 483−02
ISSUE E
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. MAXIMUM LEAD THICKNESS INCLUDES
LEAD FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS
OF BASE MATERIAL.
4. A AND B DIMENSIONS DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.1142
0.1220
B
1.30
1.70
0.0512
0.0669
C
0.90
1.10
0.0354
0.0433
D
0.25
0.50
0.0098
0.0197
G
0.85
1.05
0.0335
0.0413
H
0.013
0.100
0.0005
0.0040
J
0.10
0.26
0.0040
0.0102
K
0.20
0.60
0.0079
0.0236
L
1.25
1.55
0.0493
0.0610
M
0
10
0
10
S
2.50
3.00
0.0985
0.1181
0.05 (0.002)
12
3
54
S
A
G
L
B
D
H
C
K
M
J
_
___
0.7
0.028
1.0
0.039
mm
inches
SCALE 10:1
0.95
0.037
2.4
0.094
1.9
0.074
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn