Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1521 Datasheet(PDF) 15 Page - ON Semiconductor

Part No. NCP1521
Description  1.5 MHz, 600 mA, High−Efficiency, Low Quiescent Current, Adjustable Output Voltage Step−Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1521 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCP1521 Datasheet HTML 9Page - ON Semiconductor NCP1521 Datasheet HTML 10Page - ON Semiconductor NCP1521 Datasheet HTML 11Page - ON Semiconductor NCP1521 Datasheet HTML 12Page - ON Semiconductor NCP1521 Datasheet HTML 13Page - ON Semiconductor NCP1521 Datasheet HTML 14Page - ON Semiconductor NCP1521 Datasheet HTML 15Page - ON Semiconductor NCP1521 Datasheet HTML 16Page - ON Semiconductor NCP1521 Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
NCP1521
http://onsemi.com
15
Bill of Materials
Item
Part Description
Ref
PCB Footprint
Manufacturer
Manufacturer
Reference
1
NCP1521 DC−DC Converter
U1
TSOP−5
On Semiconductor
NCP1521
2
4.7
mF Ceramic Capacitor
6.3 V X5R
C1
0805
Murata
GRM21 Series
3
10
mF Ceramic Capacitor
6.3 V X5R
C2
0805
Murata
GRM21 Series
4
SMD Resistor 220 K
R1, R2, R3
0805
Vishay−Draloric
CRCW0805
5
SMD Inductor
L1
1605
Coilcraft
DO1605 Series
6
I/O Connector can be plugged by
BLZ5.08/2 (Weidmüller reference)
J1, J3
Weidmüller
SL5.08/2/90B
7
Jumper Header vertical mount 3*1,
2.54 mm
J5
Tyco Electronics/AMP
5−826629−0
8
Jumper Connector, 400 mils
J6, J7
Harwin
D3082−B01


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn