Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N25X Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # 4N25X
Description  OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

4N25X Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  4N25X Datasheet HTML 1Page - ISOCOM COMPONENTS 4N25X Datasheet HTML 2Page - ISOCOM COMPONENTS 4N25X Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.5
V
I
F = 10mA
Reverse Current (I
R)
10
µA
V
R = 6V
Output
Collector-emitter Breakdown (BV
CEO)
30
V
I
C = 1mA
( Note 2 )
Collector-base Breakdown (BV
CBO)
70
V
I
C = 100µA
Emitter-collector Breakdown (BV
ECO)
6
V
I
E = 100µA
Collector-emitter Dark Current (I
CEO)
50
nA
V
CE = 10V
Collector-base Dark Current (I
CBO)
20
nA
V
CE = 10V
Coupled
Current Transfer Ratio (CTR)
4N25, 4N26
20
%
10mA I
F , 10V VCE
4N27, 4N28
10
%
10mA I
F , 10V VCE
Collector-emitter Saturation VoltageV
CE(SAT)
0.5
V
50mA I
F , 2mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
V
IO = 500V (note 1)
Turn-on Time
ton
4
µs
V
CC = 10V ,
Turn-off Time
toff
3
µs
I
F= 10mA, RL = 100Ω
Output Rise Time
tr
2
µs
( FIG 1)
Output Fall Time
tf
2
µs
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
5/2/03
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )
Output
Output
R
L = 100Ω
Input
10%
90%
90%
10%
t
on
t
r
FIG 1
V
CC
t
off
t
f
DB91028m-AAS/A4


Similar Part No. - 4N25X

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
AVAGO TECHNOLOGIES LIMI...
4N25 AVAGO-4N25 Datasheet
228Kb / 7P
   Phototransistor Optocoupler General Purpose Type
logo
Guangdong Youtai Semico...
4N25 UMW-4N25 Datasheet
905Kb / 8P
   The 4N25, 4N26, 4N27, 4N28, 4N35, 4N36, 4N37, 4N38 series combine an AlGaAs infrared emitting diode as the emitter which is optically coupled to a silicon planar phototransistor detector in a plastic DIP6 package with different lead forming options.
logo
Toshiba Semiconductor
4N25 TOSHIBA-4N25 Datasheet
324Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
New Jersey Semi-Conduct...
4N25 NJSEMI-4N25 Datasheet
101Kb / 1P
   Optically-Coupled Isolator Optoelectronic Products
More results

Similar Description - 4N25X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4N35X ETC1-4N35X Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
MCT2200X ISOCOM-MCT2200X Datasheet
54Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
H11AV1X ETC-H11AV1X Datasheet
56Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX72AX ETC-CNX72AX Datasheet
52Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
SFH601-5 ETC1-SFH601-5 Datasheet
67Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
4N38X ISOCOM-4N38X Datasheet
75Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT270 ISOCOM-MCT270 Datasheet
480Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
CQY80X ETC-CQY80X Datasheet
48Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNY17-1X ETC-CNY17-1X Datasheet
66Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8100 ETC-MOC8100 Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
MCT2X ISOCOM-MCT2X Datasheet
63Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com